Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V10PL45-M3 Datasheet (PDF) - Vishay Siliconix

V10PL45-M3 Datasheet PDF - Vishay Siliconix
Part # V10PL45-M3
Download  V10PL45-M3 Download
File Size   88.4 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Trench MOS Barrier Schottky Rectifier

V10PL45-M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
V10PL45-M3 Datasheet PDF - Vishay Siliconix

Part # V10PL45-M3
Download  V10PL45-M3 Click to download

File Size   88.4 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Trench MOS Barrier Schottky Rectifier

V10PL45-M3 Datasheet (HTML) - Vishay Siliconix


V10PL45-M3 Product details

FEATURES

• Very low profile - typical height of 1.1 mm

• Ideal for automated placement

• Trench MOS Schottky technology

• Low forward voltage drop, low power losses

• High efficiency operation

• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C

• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912



TYPICAL APPLICATIONS

  For use in low voltage high frequency DC/DC converters, freewheeling, and polarity protection applications.



 




Similar Part No. - V10PL45-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10PL45-M3 VISHAY-V10PL45-M3 Datasheet
103Kb / 5P
High Current Density Surface Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.28 V at IF = 5 A
Revision: 30-Oct-2019
V10PL45-M3/86A VISHAY-V10PL45-M3/86A Datasheet
608Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
23-Feb-12
V10PL45-M3/87A VISHAY-V10PL45-M3/87A Datasheet
608Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
23-Feb-12
V10PL45-M3 VISHAY-V10PL45-M3_15 Datasheet
86Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
09-Dec-13
V10PL45-M3 VISHAY-V10PL45-M3_V01 Datasheet
103Kb / 5P
High Current Density Surface Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.28 V at IF = 5 A
Revision: 30-Oct-2019
More results


Similar Description - V10PL45-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFT2080S VISHAY-VFT2080S Datasheet
78Kb / 4P
Trench MOS Barrier Schottky Rectifier
18-Nov-10
VT1080S VISHAY-VT1080S_12 Datasheet
148Kb / 5P
Trench MOS Barrier Schottky Rectifier
08-Sep-09
V30DL45BP VISHAY-V30DL45BP Datasheet
122Kb / 6P
Trench MOS Barrier Schottky Rectifier
18-Mar-14
VBT1045CBP VISHAY-VBT1045CBP_15 Datasheet
91Kb / 5P
Trench MOS Barrier Schottky Rectifier
22-May-12
VFT1045CBP VISHAY-VFT1045CBP_15 Datasheet
86Kb / 5P
Trench MOS Barrier Schottky Rectifier
29-Oct-13
VT10200C-E3 VISHAY-VT10200C-E3 Datasheet
161Kb / 6P
Trench MOS Barrier Schottky Rectifier
09-Sep-13
VBT145CB-M3 VISHAY-VBT145CB-M3 Datasheet
92Kb / 5P
Trench MOS Barrier Schottky Rectifier
30-Apr-13
logo
DONGGUAN YOU FENG WEI E...
5V100-DO YFWDIODE-5V100-DO Datasheet
1Mb / 3P
Trench MOS Barrier Schottky Rectifier
6L45-DO YFWDIODE-6L45-DO Datasheet
724Kb / 3P
Trench MOS Barrier Schottky Rectifier
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com