Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD705102 Datasheet (PDF) - NEC

UPD705102 Datasheet PDF - NEC
Part # UPD705102
Download  UPD705102 Download
File Size   536.04 Kbytes
Page   80 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description V832TM 32-BIT MICROPROCESSOR

UPD705102 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD705102 Datasheet PDF - NEC

Part # UPD705102
Download  UPD705102 Click to download

File Size   536.04 Kbytes
Page   80 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description V832TM 32-BIT MICROPROCESSOR

UPD705102 Datasheet (HTML) - NEC


UPD705102 Product details

DESCRIPTION
The µPD705102 (V832) is a 32-bit RISC microprocessor for embedded control applications, with a high-performance 32-bit V830TM processor core and many peripheral functions such as a SDRAM/ROM controller, 4-channel DMA controller, real-time pulse unit, serial interface, interrupt controller, and power management.
In addition to high interrupt response speed and optimized pipeline structure, the V832 offers sum-of-products operation instructions, concatenated shift instructions, and high-speed branch instructions to realize multimedia functions, and therefore can provide high performance in multimedia systems such as Internet/intra-net systems, car navigation systems, digital still cameras, and color faxes.

FEATURES
• CPU function
   • V830-compatible instructions
   • Instruction cache: 4 Kbytes
   • Instruction RAM: 4 Kbytes
   • Data cache: 4 Kbytes
   • Data RAM: 4 Kbytes
   • Minimum number of instruction execution cycles: 1 cycle
   • Number of general purpose registers: 32 bits × 32
   • Memory space and I/O space: 4 Gbytes each
   • Interrupt/exception processing function
   • Non-maskable: External input: 1
   • Maskable: External input: 8 (of which 4 are multiplexed with internal sources)
                       Internal source: 11 types
• Bus control function
• Wait control function
• Memory access control function
• DMA controller: 4 channels
• Serial interface function
   • Asynchronous serial interface (UART): 1 channel
   • Clocked serial interface (CSI): 1 channel
   • Dedicated baud rate generator (BRG): 1 channel
• Timer/counter function
   • 16-bit timer/event counter: 1 channel
   • 16-bit interval timer: 1 channel
• Port function: 21 I/O ports
• Clock generation function: PLL clock synthesizer (6× or 8× multiplication)
• Standby function: HALT, STOP, and power management modes
• Debug function
   • Debug-dedicated synchronous serial interface: 1 channel
   • Trace-dedicated interface: 1 channel




Similar Part No. - UPD705102

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD705102 RENESAS-UPD705102 Datasheet
436Kb / 46P
MOS INTEGRATED CIRCUIT
1999
UPD705102GM-133-8ED RENESAS-UPD705102GM-133-8ED Datasheet
436Kb / 46P
MOS INTEGRATED CIRCUIT
1999
UPD705102GM-143-8ED RENESAS-UPD705102GM-143-8ED Datasheet
436Kb / 46P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD705102

ManufacturerPart #DatasheetDescription
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
32-BIT MICROPROCESSOR
UPD70732 NEC-UPD70732 Datasheet
459Kb / 66P
V810TM 32-BIT MICROPROCESSOR
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
32-BIT RISC MICROPROCESSOR
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
32-Bit Microprocessor Core
logo
NXP Semiconductors
SCC68070 PHILIPS-SCC68070 Datasheet
2Mb / 74P
16/32-bit microprocessor
November 1990
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
32-Bit Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
64-/32-Bit Microprocessor
logo
Toshiba Semiconductor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
32-bit RISC Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
32-bit Microprocessor
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
32-bit Microprocessor
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com