Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-L55APGC Datasheet (PDF) - BetLux Electronics

BL-L55APGC Datasheet PDF - BetLux Electronics
Part # BL-L55APGC
Download  BL-L55APGC Download
File Size   230.63 Kbytes
Page   4 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 5mm square type LED Lamps

BL-L55APGC Datasheet (PDF)

Go To PDF Page Download Datasheet
BL-L55APGC Datasheet PDF - BetLux Electronics

Part # BL-L55APGC
Download  BL-L55APGC Click to download

File Size   230.63 Kbytes
Page   4 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 5mm square type LED Lamps

BL-L55APGC Datasheet (HTML) - BetLux Electronics




Similar Part No. - BL-L55APGC

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L55APGC BETLUX-BL-L55APGC Datasheet
71Kb / 3P
Square Type LED lamp
REV NO: V.2
More results


Similar Description - BL-L55APGC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLB-25 ROHM-SLB-25 Datasheet
227Kb / 3P
Standard Type Square Type LED Lamps
logo
Everlight Electronics C...
EL333RD EVERLIGHT-EL333RD Datasheet
167Kb / 1P
ROUND TYPE LED LAMPS(5MM)
583SURD EVERLIGHT-583SURD Datasheet
78Kb / 4P
5.0*5.0mm Square Type LED Lamps
logo
Lucky Light Electronic
GB-333HD LUCKY-LIGHT-GB-333HD Datasheet
42Kb / 1P
Round Type LED Lamps (5mm)
GB-433 LUCKY-LIGHT-GB-433 Datasheet
41Kb / 1P
Cylindrical Type LED Lamps (5mm)
logo
LIGITEK electronics co....
L12UY9653R-30B-AM LIGITEK-L12UY9653R-30B-AM Datasheet
111Kb / 6P
SQUARE WITH 4LEADS TYPE LED LAMPS
LURF9653-30B LIGITEK-LURF9653-30B Datasheet
126Kb / 7P
SQUARE WITH 4LEADS TYPE LED LAMPS
logo
A-BRIGHT Inc
AL-513UY5C A-BRIGHT-AL-513UY5C_09 Datasheet
238Kb / 5P
5mm Round Type : LED Lamps
2009/2/25
logo
Everlight Electronics C...
583SYGD-S530-E2 EVERLIGHT-583SYGD-S530-E2 Datasheet
116Kb / 6P
5.0*5.0mm Square Type LED Lamps
583UYD-S530-A3 EVERLIGHT-583UYD-S530-A3_15 Datasheet
118Kb / 6P
5.0*5.0mm Square Type LED Lamps
More results




About BetLux Electronics


BetLux Electronics is a Taiwanese-based company that specializes in the design and manufacture of LED products. The company was founded in 2005 and has since grown to become a leading supplier of LED components and lighting solutions.

BetLux Electronics offers a wide range of LED products, including through-hole LEDs, surface-mount LEDs, display LEDs, and high-power LEDs. The company's products are used in a variety of applications, such as automotive lighting, signage, backlighting, and general illumination.

One of the key strengths of BetLux Electronics is its commitment to innovation and quality. The company invests heavily in research and development to ensure that its products are at the forefront of LED technology. BetLux Electronics also has a strong focus on quality control, with all products undergoing rigorous testing to ensure that they meet the highest standards.

BetLux Electronics has a global network of distributors and partners, which allows it to provide excellent service and support to customers around the world. Overall, BetLux Electronics is a well-respected and established company that offers high-quality LED products and solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com