Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS-1W-ML45 Datasheet (PDF) - BetLux Electronics

TLS-1W-ML45 Datasheet PDF - BetLux Electronics
Part # TLS-1W-ML45
Download  TLS-1W-ML45 Download
File Size   223.16 Kbytes
Page   2 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description LED strip light, Mono color, 1W high power LED Module

TLS-1W-ML45 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLS-1W-ML45 Datasheet PDF - BetLux Electronics

Part # TLS-1W-ML45
Download  TLS-1W-ML45 Click to download

File Size   223.16 Kbytes
Page   2 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description LED strip light, Mono color, 1W high power LED Module

TLS-1W-ML45 Datasheet (HTML) - BetLux Electronics




Similar Part No. - TLS-1W-ML45

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLS-1W-ML45PGC BETLUX-TLS-1W-ML45PGC Datasheet
223Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-ML45UBC BETLUX-TLS-1W-ML45UBC Datasheet
223Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-ML45UEC BETLUX-TLS-1W-ML45UEC Datasheet
223Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-ML45UW2C BETLUX-TLS-1W-ML45UW2C Datasheet
223Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-ML45UWC BETLUX-TLS-1W-ML45UWC Datasheet
223Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
More results


Similar Description - TLS-1W-ML45

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLS-1W-M35 BETLUX-TLS-1W-M35 Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-ML38 BETLUX-TLS-1W-ML38 Datasheet
174Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-MS35 BETLUX-TLS-1W-MS35 Datasheet
476Kb / 1P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-FL-73 BETLUX-TLS-FL-73 Datasheet
77Kb / 2P
LED strip light, Mono color, Super Flux LED type
REV NO: V.2
TLS-FL-S40 BETLUX-TLS-FL-S40 Datasheet
132Kb / 2P
LED strip light, Mono color, Super Flux LED type
REV NO: V.2
TLS-R5-200 BETLUX-TLS-R5-200 Datasheet
122Kb / 2P
LED strip light, Mono color, 5mm LEDs
REV NO: V.2
TLS-1W-M35_1W BETLUX-TLS-1W-M35_1W Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-ML38_1W BETLUX-TLS-1W-ML38_1W Datasheet
174Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-ML45_1W BETLUX-TLS-1W-ML45_1W Datasheet
223Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-MS35_1W BETLUX-TLS-1W-MS35_1W Datasheet
476Kb / 1P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
More results




About BetLux Electronics


BetLux Electronics is a Taiwanese-based company that specializes in the design and manufacture of LED products. The company was founded in 2005 and has since grown to become a leading supplier of LED components and lighting solutions.

BetLux Electronics offers a wide range of LED products, including through-hole LEDs, surface-mount LEDs, display LEDs, and high-power LEDs. The company's products are used in a variety of applications, such as automotive lighting, signage, backlighting, and general illumination.

One of the key strengths of BetLux Electronics is its commitment to innovation and quality. The company invests heavily in research and development to ensure that its products are at the forefront of LED technology. BetLux Electronics also has a strong focus on quality control, with all products undergoing rigorous testing to ensure that they meet the highest standards.

BetLux Electronics has a global network of distributors and partners, which allows it to provide excellent service and support to customers around the world. Overall, BetLux Electronics is a well-respected and established company that offers high-quality LED products and solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com