Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLL-E27B60-061-R18 Datasheet (PDF) - BetLux Electronics

TLL-E27B60-061-R18 Datasheet PDF - BetLux Electronics
Part # TLL-E27B60-061-R18
Download  TLL-E27B60-061-R18 Download
File Size   35.8 Kbytes
Page   1 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description Ball Bulb , 60mm

TLL-E27B60-061-R18 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLL-E27B60-061-R18 Datasheet PDF - BetLux Electronics

Part # TLL-E27B60-061-R18
Download  TLL-E27B60-061-R18 Click to download

File Size   35.8 Kbytes
Page   1 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description Ball Bulb , 60mm

TLL-E27B60-061-R18 Datasheet (HTML) - BetLux Electronics




Similar Part No. - TLL-E27B60-061-R18

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLL-E27B120-061 BETLUX-TLL-E27B120-061 Datasheet
36Kb / 1P
Ball Bulb ,120mm
REV NO: V. 1
TLL-E27B120-061-B25 BETLUX-TLL-E27B120-061-B25 Datasheet
36Kb / 1P
Ball Bulb ,120mm
REV NO: V. 1
TLL-E27B120-061-G25 BETLUX-TLL-E27B120-061-G25 Datasheet
36Kb / 1P
Ball Bulb ,120mm
REV NO: V. 1
TLL-E27B120-061-R25 BETLUX-TLL-E27B120-061-R25 Datasheet
36Kb / 1P
Ball Bulb ,120mm
REV NO: V. 1
TLL-E27B120-061-R32 BETLUX-TLL-E27B120-061-R32 Datasheet
36Kb / 1P
Ball Bulb ,120mm
REV NO: V. 1
More results


Similar Description - TLL-E27B60-061-R18

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC60A ALPS-EC60A Datasheet
135Kb / 2P
60mm Size Encoder Type
logo
Qualtek Electronics Cor...
06250-B QUALTEK-06250-B Datasheet
182Kb / 1P
FAN FILTER SCREEN (60mm)
06250-SS QUALTEK-06250-SS Datasheet
193Kb / 1P
FAN FILTER SCREEN (60mm)
logo
BetLux Electronics
TLL-E27B90-061 BETLUX-TLL-E27B90-061 Datasheet
35Kb / 1P
Ball Bulb , 90mm
REV NO: V. 1
TLL-E27B120-061 BETLUX-TLL-E27B120-061 Datasheet
36Kb / 1P
Ball Bulb ,120mm
REV NO: V. 1
logo
List of Unclassifed Man...
J0200-304-4-000 ETC2-J0200-304-4-000 Datasheet
143Kb / 4P
60mm Servo Motor, 200W
M0200-104-4-000 ETC2-M0200-104-4-000 Datasheet
152Kb / 3P
60mm Servo Motor, 200W
logo
ALPS ELECTRIC CO.,LTD.
EC60B ALPS-EC60B Datasheet
792Kb / 3P
60mm Size Ring Type
logo
Harwin Plc
Z9952-00 HARWIN-Z9952-00 Datasheet
55Kb / 1P
BALL GEX DRIVER 1.5mm x 60mm
Z9953-00 HARWIN-Z9953-00 Datasheet
61Kb / 1P
BALL GEX DRIVER 2.00mm x 60mm
More results




About BetLux Electronics


BetLux Electronics is a Taiwanese-based company that specializes in the design and manufacture of LED products. The company was founded in 2005 and has since grown to become a leading supplier of LED components and lighting solutions.

BetLux Electronics offers a wide range of LED products, including through-hole LEDs, surface-mount LEDs, display LEDs, and high-power LEDs. The company's products are used in a variety of applications, such as automotive lighting, signage, backlighting, and general illumination.

One of the key strengths of BetLux Electronics is its commitment to innovation and quality. The company invests heavily in research and development to ensure that its products are at the forefront of LED technology. BetLux Electronics also has a strong focus on quality control, with all products undergoing rigorous testing to ensure that they meet the highest standards.

BetLux Electronics has a global network of distributors and partners, which allows it to provide excellent service and support to customers around the world. Overall, BetLux Electronics is a well-respected and established company that offers high-quality LED products and solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com