Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K330 Datasheet (PDF) - Knox Semiconductor, Inc

K330 Datasheet PDF - Knox Semiconductor, Inc
Part # K330
Download  K330 Download
File Size   34.54 Kbytes
Page   1 Pages
Manufacturer  KNOX [Knox Semiconductor, Inc]
Direct Link  http://www.knoxsemiconductor.com
Logo KNOX - Knox Semiconductor, Inc
Description LOW LEVEL ZENER DIODES VERY LOW VOLTAGE, LOW LEAKAGE

K330 Datasheet (PDF)

Go To PDF Page Download Datasheet
K330 Datasheet PDF - Knox Semiconductor, Inc

Part # K330
Download  K330 Click to download

File Size   34.54 Kbytes
Page   1 Pages
Manufacturer  KNOX [Knox Semiconductor, Inc]
Direct Link  http://www.knoxsemiconductor.com
Logo KNOX - Knox Semiconductor, Inc
Description LOW LEVEL ZENER DIODES VERY LOW VOLTAGE, LOW LEAKAGE

K330 Datasheet (HTML) - Knox Semiconductor, Inc


K330 Product details

LOW LEVEL ZENER DIODES VERY LOW VOLTAGE, LOW LEAKAGE



·Conserves battery life

·Unique manufacturing process

·Provides lowest reverse leakage currents

·Low impedance atcurrents specified at 10 mA and below



 




Similar Part No. - K330

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
K330 SENSATA-K330 Datasheet
538Kb / 3P
PLATFORM CONTROL SYSTEM FOR SLAB SCISSOR LIFT
Rev:04/17/24
logo
NEC
K3306 NEC-K3306 Datasheet
69Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
List of Unclassifed Man...
K330GRA ETC-K330GRA Datasheet
9Mb / 19P
Logic Plus™
logo
Vishay Siliconix
K330J10C0GH5TL2 VISHAY-K330J10C0GH5TL2 Datasheet
146Kb / 8P
Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
23-Apr-2021
K330J15C0GF5.H5 VISHAY-K330J15C0GF5.H5 Datasheet
368Kb / 13P
Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
18-Jan-06
More results


Similar Description - K330

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
Knox Semiconductor, Inc
1N4099 KNOX-1N4099 Datasheet
37Kb / 1P
LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
1N4678 KNOX-1N4678 Datasheet
36Kb / 1P
LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
1N5518 KNOX-1N5518 Datasheet
39Kb / 1P
LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
1N6082 KNOX-1N6082 Datasheet
35Kb / 1P
LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
K511 KNOX-K511 Datasheet
33Kb / 1P
LOW LEVEL ZENER DIODES SHARP KNEE, LOW IMPEDANCE
logo
List of Unclassifed Man...
1N456 ETC-1N456 Datasheet
35Kb / 1P
LOW LEAKAGE DIODES
logo
Knox Semiconductor, Inc
LVA3100A KNOX-LVA3100A Datasheet
35Kb / 1P
LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
logo
List of Unclassifed Man...
UZ24BS ETC1-UZ24BS Datasheet
159Kb / 4P
Low reverse leakage, Low zener impedance
logo
Shanghai Leiditech Elec...
SMC24-323 LEIDITECH-SMC24-323 Datasheet
384Kb / 3P
Ultra low leakage: nA level Low clamping voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com