Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K430 Datasheet (PDF) - Knox Semiconductor, Inc

K430 Datasheet PDF - Knox Semiconductor, Inc
Part # K430
Download  K430 Download
File Size   34.54 Kbytes
Page   1 Pages
Manufacturer  KNOX [Knox Semiconductor, Inc]
Direct Link  http://www.knoxsemiconductor.com
Logo KNOX - Knox Semiconductor, Inc
Description LOW LEVEL ZENER DIODES VERY LOW VOLTAGE, LOW LEAKAGE

K430 Datasheet (PDF)

Go To PDF Page Download Datasheet
K430 Datasheet PDF - Knox Semiconductor, Inc

Part # K430
Download  K430 Click to download

File Size   34.54 Kbytes
Page   1 Pages
Manufacturer  KNOX [Knox Semiconductor, Inc]
Direct Link  http://www.knoxsemiconductor.com
Logo KNOX - Knox Semiconductor, Inc
Description LOW LEVEL ZENER DIODES VERY LOW VOLTAGE, LOW LEAKAGE

K430 Datasheet (HTML) - Knox Semiconductor, Inc


K430 Product details

LOW LEVEL ZENER DIODES VERY LOW VOLTAGE, LOW LEAKAGE



·Conserves battery life

·Unique manufacturing process

·Provides lowest reverse leakage currents

·Low impedance atcurrents specified at 10 mA and below



 




Similar Part No. - K430

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
K430 VBSEMI-K430 Datasheet
1,008Kb / 7P
N-Channel 200 V (D-S) MOSFET
logo
Velleman Group nv All r...
K4301 VELLEMAN-K4301 Datasheet
4Mb / 12P
PINK NOISE GENERATOR
rev2
logo
VBsemi Electronics Co.,...
K430S VBSEMI-K430S Datasheet
1,008Kb / 7P
N-Channel 200 V (D-S) MOSFET
K430STL VBSEMI-K430STL Datasheet
1,008Kb / 7P
N-Channel 200 V (D-S) MOSFET
logo
Kentec Electronics (Dis...
K430WQA-V4-F KENTECDISPLAY-K430WQA-V4-F Datasheet
860Kb / 20P
4.3”(diagonal), 480 x RGB x 272 dots, 16.7M colors, Normal white TN, TFT LCD module.
13/Jul/2011
More results


Similar Description - K430

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
Knox Semiconductor, Inc
1N4099 KNOX-1N4099 Datasheet
37Kb / 1P
LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
1N4678 KNOX-1N4678 Datasheet
36Kb / 1P
LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
1N5518 KNOX-1N5518 Datasheet
39Kb / 1P
LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
1N6082 KNOX-1N6082 Datasheet
35Kb / 1P
LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
K511 KNOX-K511 Datasheet
33Kb / 1P
LOW LEVEL ZENER DIODES SHARP KNEE, LOW IMPEDANCE
logo
List of Unclassifed Man...
1N456 ETC-1N456 Datasheet
35Kb / 1P
LOW LEAKAGE DIODES
logo
Knox Semiconductor, Inc
LVA3100A KNOX-LVA3100A Datasheet
35Kb / 1P
LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
logo
List of Unclassifed Man...
UZ24BS ETC1-UZ24BS Datasheet
159Kb / 4P
Low reverse leakage, Low zener impedance
logo
Shanghai Leiditech Elec...
SMC24-323 LEIDITECH-SMC24-323 Datasheet
384Kb / 3P
Ultra low leakage: nA level Low clamping voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com