Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSFB44-426-800K0 Datasheet (PDF) - Kyocera Kinseki Corpotation

LSFB44-426-800K0 Datasheet PDF - Kyocera Kinseki Corpotation
Part # LSFB44-426-800K0
Download  LSFB44-426-800K0 Download
File Size   166.54 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description 400MHz Band SAW Filter of Low power consumption

LSFB44-426-800K0 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSFB44-426-800K0 Datasheet PDF - Kyocera Kinseki Corpotation

Part # LSFB44-426-800K0
Download  LSFB44-426-800K0 Click to download

File Size   166.54 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description 400MHz Band SAW Filter of Low power consumption

LSFB44-426-800K0 Datasheet (HTML) - Kyocera Kinseki Corpotation


LSFB44-426-800K0 Product details

■ Features
● IF filter for transmission and reception.
● Low power consumption.
● Miniature size and light weight

■ Applications
● For engine-starter.
● For transceiver.
● For pager.
● For radio phone.




Similar Part No. - LSFB44-426-800K0

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
LSFB19-130-001M0 KSS-LSFB19-130-001M0 Datasheet
159Kb / 1P
cdmaOne-TX-IF
LSFB19-248-220K0 KSS-LSFB19-248-220K0 Datasheet
150Kb / 1P
200MHz Band SAW Filter of PHS
LSFB25-243-220K0 KSS-LSFB25-243-220K0 Datasheet
150Kb / 1P
200MHz Band SAW Filter of PHS
LSFB54-190-004M0 KSS-LSFB54-190-004M0 Datasheet
151Kb / 1P
W-CDMA-IF
LSFB54-380-004M0 KSS-LSFB54-380-004M0 Datasheet
128Kb / 1P
W-CDMA-IF
More results


Similar Description - LSFB44-426-800K0

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
LSFB25-243-220K0 KSS-LSFB25-243-220K0 Datasheet
150Kb / 1P
200MHz Band SAW Filter of PHS
logo
SIPAT Co,Ltd
SP40001 SIPAT-SP40001 Datasheet
158Kb / 4P
400MHz Low-loss SAW Filter 45MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0564A TAI-SAW-TB0564A Datasheet
380Kb / 8P
SAW Filter 400MHz
logo
SIPAT Co,Ltd
LBS40002 SIPAT-LBS40002 Datasheet
192Kb / 4P
400MHz SAW Filter 0.25MHz Bandwidth
SP40001 SIPAT-SP40001 Datasheet
164Kb / 4P
400MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Golledge Electronics Lt...
MA08120 GOLLEDGE-MA08120 Datasheet
141Kb / 4P
400MHz SAW Filter
MA09471 GOLLEDGE-MA09471 Datasheet
133Kb / 6P
400MHz SAW Filter
MP02897 GOLLEDGE-MP02897 Datasheet
78Kb / 7P
SAW Filter 400MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0591A TAI-SAW-TA0591A Datasheet
234Kb / 6P
SAW Filter 400MHz
logo
Golledge Electronics Lt...
MP02987 GOLLEDGE-MP02987 Datasheet
101Kb / 5P
SAW Filter 400MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com