Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCVCXO-120A Datasheet (PDF) - Kyocera Kinseki Corpotation

OCVCXO-120A Datasheet PDF - Kyocera Kinseki Corpotation
Part # OCVCXO-120A
Download  OCVCXO-120A Download
File Size   161.97 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description Oven Controlled Crystal Oscillator

OCVCXO-120A Datasheet (PDF)

Go To PDF Page Download Datasheet
OCVCXO-120A Datasheet PDF - Kyocera Kinseki Corpotation

Part # OCVCXO-120A
Download  OCVCXO-120A Click to download

File Size   161.97 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description Oven Controlled Crystal Oscillator

OCVCXO-120A Datasheet (HTML) - Kyocera Kinseki Corpotation


OCVCXO-120A Product details

Oven Controlled Crystal Oscillator



■Features

Compact OCVCXO (36.1×27.2×20.2mm).

High stability.

Solder sealing type.



■Typical Applications

Standard Oscillator.



■Standard Frequencies

10MHz. *Plese do not clean using any kind of liquid cleansing method.




Similar Part No. - OCVCXO-120A

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-174A KSS-OCVCXO-174A Datasheet
55Kb / 1P
High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-177A KSS-OCVCXO-177A Datasheet
419Kb / 1P
Oven Controlled Crystal Oscillators
OCVCXO-185F KSS-OCVCXO-185F Datasheet
55Kb / 1P
High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-186A KSS-OCVCXO-186A Datasheet
66Kb / 1P
Compact OCVCXO (25횞25횞13.5mm) High stability
More results


Similar Description - OCVCXO-120A

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
Oven Controlled Crystal Oscillator
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
Oven Controlled Crystal Oscillator
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
OVEN CONTROLLED CRYSTAL OSCILLATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com