Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3528B-2 Datasheet (PDF) - Linear Technology

LTC3528B-2 Datasheet PDF - Linear Technology
Part # LTC3528B-2
Download  LTC3528B-2 Download
File Size   317.15 Kbytes
Page   18 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1A, 2MHz Synchronous Step-Up DC/DC Converter

LTC3528B-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3528B-2 Datasheet PDF - Linear Technology

Part # LTC3528B-2
Download  LTC3528B-2 Click to download

File Size   317.15 Kbytes
Page   18 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1A, 2MHz Synchronous Step-Up DC/DC Converter

LTC3528B-2 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC3528B-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3528B-2 LINER-LTC3528B-2 Datasheet
1Mb / 18P
400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
More results


Similar Description - LTC3528B-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AAT1299 AD-AAT1299 Datasheet
519Kb / 14P
Low Voltage 2MHz Step-Up DC/DC Converter
logo
STMicroelectronics
ST8R00 STMICROELECTRONICS-ST8R00 Datasheet
793Kb / 19P
Micropower 1A synchronous step-up DC-DC converter
23-May-2007
logo
Linear Technology
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
Low Voltage 2MHz Step-Up DC/DC Converter
logo
Linear Technology
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526B-2 LINER-LTC3526B-2_15 Datasheet
346Kb / 16P
500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3528-2 LINER-LTC3528-2_15 Datasheet
401Kb / 18P
1A, 2MHz Synchronous Step-Up DC/DC Converter
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com