Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCXO-105N Datasheet (PDF) - Kyocera Kinseki Corpotation

VCXO-105N Datasheet PDF - Kyocera Kinseki Corpotation
Part # VCXO-105N
Download  VCXO-105N Download
File Size   149.44 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description VCXO

VCXO-105N Datasheet (PDF)

Go To PDF Page Download Datasheet
VCXO-105N Datasheet PDF - Kyocera Kinseki Corpotation

Part # VCXO-105N
Download  VCXO-105N Click to download

File Size   149.44 Kbytes
Page   1 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description VCXO

VCXO-105N Datasheet (HTML) - Kyocera Kinseki Corpotation


VCXO-105N Product details

■ Features
● “Small Size” as small as 2.0cc. (20.8×13.08×7.46mm)
● All-metal welded package.
● Using welded crystal.
● Hybrid-IC circuit construction.
● LS-TTL compatible output.

■ Typical Applications
● Phase locked loop.

■ Standard Frequencies
● 32.768MHz, 12.352MHz, 16.384MHz.




Similar Part No. - VCXO-105N

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VCXO-199 KSS-VCXO-199 Datasheet
187Kb / 1P
VCXO
More results


Similar Description - VCXO-105N

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VCXO-199 KSS-VCXO-199 Datasheet
187Kb / 1P
VCXO
VCXO-252J KSS-VCXO-252J Datasheet
145Kb / 1P
VCXO
logo
List of Unclassifed Man...
C5379 ETC-C5379 Datasheet
35Kb / 3P
VCXO
logo
Advanced XTAL Products
AXIS60-11 AXTAL-AXIS60-11 Datasheet
67Kb / 2P
VCXO
2005-07-15
AXIS100-03 AXTAL-AXIS100-03 Datasheet
53Kb / 2P
VCXO
2005-06-10
AXIS145 AXTAL-AXIS145 Datasheet
53Kb / 2P
VCXO
2008-05-31
AXIS207 AXTAL-AXIS207 Datasheet
54Kb / 2P
VCXO
2008-05-07
logo
Vectron International, ...
C5310 VECTRON-C5310_07 Datasheet
195Kb / 6P
VCXO
logo
MMD Components
MVLPMVLL MMD-MVLPMVLL_12 Datasheet
106Kb / 2P
VCXO
MVSC1 MMD-MVSC1_12 Datasheet
129Kb / 2P
VCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com