Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3538 Datasheet (PDF) - Linear Technology

LTC3538 Datasheet PDF - Linear Technology
Part # LTC3538
Download  LTC3538 Download
File Size   216.47 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 800mA Synchronous Buck-Boost DC/DC Converter

LTC3538 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3538 Datasheet PDF - Linear Technology

Part # LTC3538
Download  LTC3538 Click to download

File Size   216.47 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 800mA Synchronous Buck-Boost DC/DC Converter

LTC3538 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC3538

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
LTC3538EDCB LINER-LTC3538EDCB Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
LTC3538EDCB-PBF LINER-LTC3538EDCB-PBF Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
LTC3538EDCB-TR LINER-LTC3538EDCB-TR Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
LTC3538EDCB-TRPBF LINER-LTC3538EDCB-TRPBF Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
More results


Similar Description - LTC3538

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A Datasheet
680Kb / 12P
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
ACE Technology Co., LTD...
ACE721A ACE-ACE721A Datasheet
226Kb / 8P
1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
VER 1.3
logo
fujitsu semiconductor
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
6MHz Synchronous Buck Boost DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3422 BCDSEMI-AP3422 Datasheet
496Kb / 11P
Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com