Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1936 Datasheet (PDF) - Linear Technology

LT1936 Datasheet PDF - Linear Technology
Part # LT1936_15
Download  LT1936 Download
File Size   304.26 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1.4A, 500kHz Step-Down Switching Regulator

LT1936 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1936 Datasheet PDF - Linear Technology

Part # LT1936_15
Download  LT1936 Click to download

File Size   304.26 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1.4A, 500kHz Step-Down Switching Regulator

LT1936 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1936_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1936EMS8E LINER-LT1936EMS8E Datasheet
298Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
LT1936EMS8E-PBF LINER-LT1936EMS8E-PBF Datasheet
298Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
LT1936EMS8E-TR LINER-LT1936EMS8E-TR Datasheet
298Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
LT1936EMS8E-TRPBF LINER-LT1936EMS8E-TRPBF Datasheet
298Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
LT1936HMS8E LINER-LT1936HMS8E Datasheet
298Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
More results


Similar Description - LT1936_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
LT1959 LINER-LT1959 Datasheet
292Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
4.5A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936 Datasheet
298Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
Dual Monolithic 1.4A Step-Down Switching Regulator
RH1959MILDICE LINER-RH1959MILDICE_15 Datasheet
103Kb / 2P
4.5A, 500KHz Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
Dual Monolithic 1.4A Step-Down Switching Regulator
LT1959 LINER-LT1959_15 Datasheet
303Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374_15 Datasheet
708Kb / 32P
4.5A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506_15 Datasheet
305Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com