Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1220 Datasheet (PDF) - Linear Technology

LT1220 Datasheet PDF - Linear Technology
Part # LT1220
Download  LT1220 Download
File Size   290.17 Kbytes
Page   8 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 45MHz, 250V/us Operational Amplifier

LT1220 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1220 Datasheet PDF - Linear Technology

Part # LT1220
Download  LT1220 Click to download

File Size   290.17 Kbytes
Page   8 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 45MHz, 250V/us Operational Amplifier

LT1220 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1220

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1220 LINER-LT1220 Datasheet
262Kb / 12P
45MHz, 250V/ms Operational Amplifier
LT1220 LINER-LT1220 Datasheet
271Kb / 12P
Operational Amplifier
LT1220CH LINER-LT1220CH Datasheet
262Kb / 12P
45MHz, 250V/ms Operational Amplifier
LT1220CN8 LINER-LT1220CN8 Datasheet
262Kb / 12P
45MHz, 250V/ms Operational Amplifier
LT1220CS8 LINER-LT1220CS8 Datasheet
262Kb / 12P
45MHz, 250V/ms Operational Amplifier
More results


Similar Description - LT1220

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
LT1208 LINER-LT1208 Datasheet
301Kb / 12P
Dual and Quad 45MHz, 400V/us Op Amps
LT1351 LINER-LT1351 Datasheet
341Kb / 16P
250uA, 3MHz, 200V/us Operational Amplifier
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
90MHz, 22V/us 16-Bit Accurate Operational Amplifier
LT1469 LINER-LT1469 Datasheet
179Kb / 12P
Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier
LT1812 LINER-LT1812 Datasheet
202Kb / 12P
3mA, 100MHz, 750V/us Operational Amplifier with Shutdown
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
Dual 3mA, 100MHz, 750V/us Operational Amplifier
LT1220 LINER-LT1220_01 Datasheet
262Kb / 12P
45MHz, 250V/ms Operational Amplifier
LT1221 LINER-LT1221_01 Datasheet
246Kb / 12P
150MHz, 250V/ms, A 4 Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com