Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1230 Datasheet (PDF) - Linear Technology

LT1230 Datasheet PDF - Linear Technology
Part # LT1230
Download  LT1230 Download
File Size   292.77 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual and Quad 100MHz Current Feedback Amplifiers

LT1230 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1230 Datasheet PDF - Linear Technology

Part # LT1230
Download  LT1230 Click to download

File Size   292.77 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual and Quad 100MHz Current Feedback Amplifiers

LT1230 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1230

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1230 LINER-LT1230 Datasheet
247Kb / 16P
Dual and Quad 100MHz Current Feedback Amplifiers
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
Dual and Quad 100MHz Current Feedback Amplifiers
More results


Similar Description - LT1230

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
Dual/Quad 130 MHz Current Feedback Amplifiers
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
100MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
100MHz Current Feedback Amplifier
January 1996
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
100MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
Dual/Quad 130MHz Current Feedback Amplifiers
January 1995
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
100MHz Current Feedback Amplifier
July 1998
logo
Linear Technology
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
100MHz Current Feedback
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
100MHz Current Feedback Amplifier
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
Dual and Quad 100MHz Current Feedback Amplifiers
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
Dual and Quad 100MHz Current Feedback Amplifiers
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com