Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR15200CT-Y Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

MBR15200CT-Y Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # MBR15200CT-Y
Download  MBR15200CT-Y Download
File Size   231.18 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 15A, 45V - 200V Dual Common Cathode Schottky Rectifiers

MBR15200CT-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR15200CT-Y Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # MBR15200CT-Y
Download  MBR15200CT-Y Click to download

File Size   231.18 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 15A, 45V - 200V Dual Common Cathode Schottky Rectifiers

MBR15200CT-Y Datasheet (HTML) - Taiwan Semiconductor Company, Ltd




Similar Part No. - MBR15200CT-Y

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBR15200CT LUGUANG-MBR15200CT Datasheet
164Kb / 2P
Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
MBR15200CT DSK-MBR15200CT Datasheet
115Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Yangzhou yangjie electr...
MBR15200CT YANGJIE-MBR15200CT Datasheet
164Kb / 2P
SCHOTTKY Diodes
logo
Nantong Hornby Electron...
MBR15200CT HORNBY-MBR15200CT Datasheet
275Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
MBR15200CT SAMYANG-MBR15200CT Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - MBR15200CT-Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT_08 Datasheet
99Kb / 4P
Dual Common-Cathode Schottky Rectifiers
19-May-08
SS10P3CL VISHAY-SS10P3CL_15 Datasheet
100Kb / 6P
Dual Common Cathode Schottky Rectifiers
14-Aug-13
logo
Taiwan Semiconductor Co...
MBRF1545CT-Y TSC-MBRF1545CT-Y Datasheet
265Kb / 4P
15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT_15 Datasheet
85Kb / 5P
Dual Common Cathode Schottky Rectifiers
13-Aug-13
logo
Taiwan Semiconductor Co...
MBRS2045CT-Y TSC-MBRS2045CT-Y Datasheet
243Kb / 4P
20A, 45V - 200V Dual Common Cathode Schottky Rectifiers
logo
Central Semiconductor C...
CRSH16D CENTRAL-CRSH16D Datasheet
368Kb / 3P
DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS
logo
Thinki Semiconductor Co...
APT30S20BCT THINKISEMI-APT30S20BCT Datasheet
3Mb / 5P
2*45A/200V Heatsink Dual Common Cathode Schottky Type Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
TST30H45C TSC-TST30H45C Datasheet
523Kb / 5P
30A, 45V Dual Common Cathode Trench Schottky Rectifier
TST20H45C TSC-TST20H45C Datasheet
523Kb / 5P
20A, 45V Dual Common Cathode Trench Schottky Rectifier
TST10H45C TSC-TST10H45C Datasheet
522Kb / 5P
10A, 45V Dual Common Cathode Trench Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com