Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF15100CT-Y Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

MBRF15100CT-Y Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # MBRF15100CT-Y
Download  MBRF15100CT-Y Download
File Size   265.64 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 15A, 45V - 200V Dual Common Cathode Schottky Rectifiers

MBRF15100CT-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF15100CT-Y Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # MBRF15100CT-Y
Download  MBRF15100CT-Y Click to download

File Size   265.64 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 15A, 45V - 200V Dual Common Cathode Schottky Rectifiers

MBRF15100CT-Y Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


MBRF15100CT-Y Product details

FEATURES
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- Compliant to RoHS Directive 2011/65/EU and
   in accordance to WEEE 2002/96/EC
- Halogen-free according to IEC 61249-2-21 definition

MECHANICAL DATA
   Case: ITO-220AB
   Molding compound, UL flammability classification rating 94V-0
   Packing code with suffix "G" means green compound (halogen-free)
   Terminal: Matte tin plated leads, solderable per JESD22-B102
   Meet JESD 201 class 1A whisker test
   Polarity: As marked
   Mounting torque: 5 in-lbs maximum
   Weight: 1.7 g (approximately)




Similar Part No. - MBRF15100CT-Y

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF15100CT TSC-MBRF15100CT Datasheet
117Kb / 2P
Isolation 15.0 AMPS. Schottky Barrier Rectifiers
MBRF15100CT TSC-MBRF15100CT Datasheet
333Kb / 2P
Isolated 15.0 AMPS. Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
MBRF15100CT BILIN-MBRF15100CT Datasheet
336Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF15100CT TSC-MBRF15100CT Datasheet
192Kb / 2P
15.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF15100CT LUGUANG-MBRF15100CT Datasheet
264Kb / 2P
Schottky Barrier Rectifiers
More results


Similar Description - MBRF15100CT-Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT_08 Datasheet
99Kb / 4P
Dual Common-Cathode Schottky Rectifiers
19-May-08
SS10P3CL VISHAY-SS10P3CL_15 Datasheet
100Kb / 6P
Dual Common Cathode Schottky Rectifiers
14-Aug-13
logo
Taiwan Semiconductor Co...
MBR1545CT-Y TSC-MBR1545CT-Y Datasheet
231Kb / 4P
15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT_15 Datasheet
85Kb / 5P
Dual Common Cathode Schottky Rectifiers
13-Aug-13
logo
Taiwan Semiconductor Co...
MBRS2045CT-Y TSC-MBRS2045CT-Y Datasheet
243Kb / 4P
20A, 45V - 200V Dual Common Cathode Schottky Rectifiers
logo
Central Semiconductor C...
CRSH16D CENTRAL-CRSH16D Datasheet
368Kb / 3P
DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS
logo
Thinki Semiconductor Co...
APT30S20BCT THINKISEMI-APT30S20BCT Datasheet
3Mb / 5P
2*45A/200V Heatsink Dual Common Cathode Schottky Type Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
TST30H45C TSC-TST30H45C Datasheet
523Kb / 5P
30A, 45V Dual Common Cathode Trench Schottky Rectifier
TST20H45C TSC-TST20H45C Datasheet
523Kb / 5P
20A, 45V Dual Common Cathode Trench Schottky Rectifier
TST10H45C TSC-TST10H45C Datasheet
522Kb / 5P
10A, 45V Dual Common Cathode Trench Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com