Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1364 Datasheet (PDF) - Linear Technology

LT1364 Datasheet PDF - Linear Technology
Part # LT1364
Download  LT1364 Download
File Size   265.74 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual and Quad 70MHz, 1000V/us Op Amps

LT1364 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1364 Datasheet PDF - Linear Technology

Part # LT1364
Download  LT1364 Click to download

File Size   265.74 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual and Quad 70MHz, 1000V/us Op Amps

LT1364 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1364

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1364 LINER-LT1364 Datasheet
229Kb / 12P
Dual and Quad 70MHz, 1000V/s Op Amps
LT1364 LINER-LT1364 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
LT1364 LINER-LT1364_15 Datasheet
229Kb / 12P
Dual and Quad 70MHz, 1000V/s Op Amps
More results


Similar Description - LT1364

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1208 LINER-LT1208 Datasheet
301Kb / 12P
Dual and Quad 45MHz, 400V/us Op Amps
LT1211 LINER-LT1211 Datasheet
336Kb / 20P
14MHz, 7V/us, Single Supply Dual and Quad Precision Op Amps
LT1213 LINER-LT1213 Datasheet
394Kb / 16P
28MHz, 12V/us, Single Supply Dual and Quad Precision Op Amps
LT1215 LINER-LT1215 Datasheet
363Kb / 20P
23MHz, 50V/us, Single Supply Dual and Quad Precision Op Amps
LT1355 LINER-LT1355 Datasheet
272Kb / 16P
Dual and Quad 12MHz, 400V/us Op Amps
LT1358 LINER-LT1358 Datasheet
259Kb / 12P
Dual and Quad 25MHz, 600V/us Op Amps
LT1361 LINER-LT1361 Datasheet
220Kb / 12P
Dual and Quad 50MHz, 800V/us Op Amps
LT1363 LINER-LT1363 Datasheet
251Kb / 12P
70MHz, 1000V/us Op Amp
LT1364 LINER-LT1364_15 Datasheet
229Kb / 12P
Dual and Quad 70MHz, 1000V/s Op Amps
LT1365 LINER-LT1365_15 Datasheet
229Kb / 12P
Dual and Quad 70MHz, 1000V/s Op Amps
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com