Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1371 Datasheet (PDF) - Linear Technology

LT1371 Datasheet PDF - Linear Technology
Part # LT1371
Download  LT1371 Download
File Size   320.52 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 500kHz High Efficiency 3A Switching Regulator

LT1371 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1371 Datasheet PDF - Linear Technology

Part # LT1371
Download  LT1371 Click to download

File Size   320.52 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 500kHz High Efficiency 3A Switching Regulator

LT1371 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1371

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1371 LINER-LT1371 Datasheet
283Kb / 16P
500kHz High Efficiency 3A Switching Regulator
LT1371HV LINER-LT1371HV Datasheet
191Kb / 16P
Available in MiniDiP, TO-220, and TO-3 Packages
LT1371 LINER-LT1371_15 Datasheet
283Kb / 16P
500kHz High Efficiency 3A Switching Regulator
More results


Similar Description - LT1371

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1370 LINER-LT1370 Datasheet
293Kb / 16P
500kHz High Efficiency 6A Switching Regulator
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
3A Switching Regulator with High Efficiency Sleep Mode
logo
Linear Technology
LT3431 LINER-LT3431 Datasheet
256Kb / 28P
High Voltage, 3A,500kHz Step-Down Switching Regulator
LT1370CR-PBF LINER-LT1370CR-PBF Datasheet
179Kb / 16P
500kHz High Efficiency 6A Switching Regulator
LT1371 LINER-LT1371_15 Datasheet
283Kb / 16P
500kHz High Efficiency 3A Switching Regulator
LT1370 LINER-LT1370_15 Datasheet
179Kb / 16P
500kHz High Efficiency 6A Switching Regulator
LT3431 LINER-LT3431_15 Datasheet
262Kb / 28P
High Voltage, 3A, 500kHz Step-Down Switching Regulator
logo
Monolithic Power System...
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7266N ACE-ACE7266N Datasheet
196Kb / 3P
High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
ACE7377N ACE-ACE7377N Datasheet
194Kb / 3P
High Efficiency, 3A, 23V, 500kHz Synchronous Step Down Regulator
VER 1.3
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com