Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1372CN8 Datasheet (PDF) - Linear Technology

LT1372CN8 Datasheet PDF - Linear Technology
Part # LT1372CN8
Download  LT1372CN8 Download
File Size   274.36 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 500kHz and 1MHz High Efficiency 1.5A Switching Regulators

LT1372CN8 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1372CN8 Datasheet PDF - Linear Technology

Part # LT1372CN8
Download  LT1372CN8 Click to download

File Size   274.36 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 500kHz and 1MHz High Efficiency 1.5A Switching Regulators

LT1372CN8 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1372CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1372 LINER-LT1372 Datasheet
417Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
LT1372 LINER-LT1372 Datasheet
204Kb / 12P
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
LT1372 LINER-LT1372_15 Datasheet
204Kb / 12P
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
More results


Similar Description - LT1372CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1375 LINER-LT1375 Datasheet
232Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956 Datasheet
305Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1370CR-PBF LINER-LT1370CR-PBF Datasheet
179Kb / 16P
500kHz High Efficiency 6A Switching Regulator
LT1372 LINER-LT1372_15 Datasheet
204Kb / 12P
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
LT1377 LINER-LT1377_15 Datasheet
204Kb / 12P
500kHz and 1MHz High Efficiency 1.5A Switching Regulators
LT1370 LINER-LT1370_15 Datasheet
179Kb / 16P
500kHz High Efficiency 6A Switching Regulator
LT1956 LINER-LT1956_15 Datasheet
314Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com