Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD753204 Datasheet (PDF) - NEC

UPD753204 Datasheet PDF - NEC
Part # UPD753204
Download  UPD753204 Download
File Size   577.33 Kbytes
Page   80 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLERS

UPD753204 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD753204 Datasheet PDF - NEC

Part # UPD753204
Download  UPD753204 Click to download

File Size   577.33 Kbytes
Page   80 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLERS

UPD753204 Datasheet (HTML) - NEC


UPD753204 Product details

The µPD753208 is one of the 75XL Series 4-bit single-chip microcontrollers and has a data processing capability comparable to that of an 8-bit microcontroller.

The µPD753208 has an on-chip LCD controller/driver and is based on the µPD75308B of the 75X Series.

However, the µPD75308B is supplied in an 80-pin package, whereas the µPD753208 is supplied in a 48-pin package (375 mils, 0.65-mm pitch) and therefore is suitable for small-scale application systems. In addition, the µPD753208 features expanded CPU functions and performs high-speed operations at a low voltage of 1.8 V.



Features

• Low-voltage operation: VDD = 1.8 to 5.5 V

   – Can be driven by two 1.5-V batteries

• Internal memory

   – Program memory (ROM):

      4096 × 8 bits (µPD753204)

      6144 × 8 bits (µPD753206)

      8192 × 8 bits (µPD753208)

   – Data memory (RAM): 512 × 4 bits

• Variable instruction execution time for high-speed operation and power saving operation

   – 0.95, 1.91, 3.81, 15.3 µs (@ 4.19-MHz operation)

   – 0.67, 1.33, 2.67, 10.7 µs (@ 6.0-MHz operation)

• Internal programmable LCD controller/driver

• Small package:

   48-pin plastic shrink SOP (375 mils, 0.65-mm pitch)

• One-time PROM version: µPD75P3216



Applications

  Remote controllers, Cameras, Sphygnomamometers, Compact-disc radio cassette player compo systems, gas meters, etc.



 




Similar Part No. - UPD753204

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD753204 RENESAS-UPD753204 Datasheet
599Kb / 83P
MOS INTEGRATED CIRCUIT
1996
More results


Similar Description - UPD753204

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17145 NEC-UPD17145 Datasheet
408Kb / 102P
SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD750064 NEC-UPD750064 Datasheet
460Kb / 82P
4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754144 NEC-UPD754144 Datasheet
416Kb / 88P
4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754202 NEC-UPD754202 Datasheet
302Kb / 66P
4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754264 NEC-UPD754264 Datasheet
318Kb / 68P
4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
32-Bit Single-Chip Microcontrollers
UPD753108 NEC-UPD753108 Datasheet
2Mb / 459P
4-bit Single-chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
PD17145A1 RENESAS-PD17145A1_15 Datasheet
553Kb / 104P
SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com