Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD753304 Datasheet (PDF) - NEC

UPD753304 Datasheet PDF - NEC
Part # UPD753304
Download  UPD753304 Download
File Size   374.43 Kbytes
Page   56 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLER

UPD753304 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD753304 Datasheet PDF - NEC

Part # UPD753304
Download  UPD753304 Click to download

File Size   374.43 Kbytes
Page   56 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLER

UPD753304 Datasheet (HTML) - NEC


UPD753304 Product details

DESCRIPTION
The µPD753304 is one of the 75XL series 4-bit single-chip microcontroller chips and has a data processing capability comparable to that of an 8-bit microcontroller.
Since it inherits the 75X series CPU, it has upward compatibility.
While the conventional 75X series products with an on-chip LCD controller/driver use an 80-pin package, the µPD753304 is sold as a pellet/wafer to make it possible to be built into portable devices with an LCD display function, etc.

FEATURES
• RC oscillation circuit on chip
    · Main system clock: fCC = 3.6 MHz (typical value with 6.8-kΩ external resistor connected. An internal 10-pF (typ.) capacitor is provided.)
    · Subsystem clock : fCT = 47 kHz (typ.) (Both a resistor and a capacitor are provided internally.)
• Processing can be started immediately after standby mode is released.
• Oscillation of the subsystem clock can be stopped in STOP mode.
• Supply voltage: VDD = 2.5 to 5.5 V
• On-chip memory
    · Program memory (ROM) : 4096 × 8 bits
    · Data memory (RAM) : 256 × 4 bits
• Variable instruction execution time function useful for power saving
    · 1.1, 2.2, 4.4, 17.8 µs (in fCC = 3.6 MHz operation)
    · 85.1 µs (in fCT = 47 kHz operation)
• Programmable LCD controller/driver on chip
• Sold as a pellet/wafer to make it possible to be built into portable devices with an LCD display function

APPLICATION
    Small LCD display device, etc.




Similar Part No. - UPD753304

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD753304 RENESAS-UPD753304 Datasheet
395Kb / 58P
MOS INTEGRATED CIRCUIT
1997
UPD753304P-XXX RENESAS-UPD753304P-XXX Datasheet
395Kb / 58P
MOS INTEGRATED CIRCUIT
1997
UPD753304W-XXX RENESAS-UPD753304W-XXX Datasheet
395Kb / 58P
MOS INTEGRATED CIRCUIT
1997
More results


Similar Description - UPD753304

ManufacturerPart #DatasheetDescription
logo
NEC
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
4 BIT SINGLE-CHIP MICROCONTROLLER
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
4-bit Single Chip Microcontroller
logo
NEC
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
4-BIT SINGLE-CHIP MICROCONTROLLER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com