Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR2U10LP Datasheet (PDF) - Diodes Incorporated

SBR2U10LP Datasheet PDF - Diodes Incorporated
Part # SBR2U10LP_15
Download  SBR2U10LP Download
File Size   223.31 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER

SBR2U10LP Datasheet (PDF)

Go To PDF Page Download Datasheet
SBR2U10LP Datasheet PDF - Diodes Incorporated

Part # SBR2U10LP_15
Download  SBR2U10LP Click to download

File Size   223.31 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER

SBR2U10LP Datasheet (HTML) - Diodes Incorporated




Similar Part No. - SBR2U10LP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2U10LP-7 DIODES-SBR2U10LP-7 Datasheet
354Kb / 5P
2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
January 2020
More results


Similar Description - SBR2U10LP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR02U100LP DIODES-SBR02U100LP Datasheet
208Kb / 4P
0.2A SBR짰 Surface Mount Super Barrier Rectifier
SBR02U100LP Rev. 4 ??2
SBR05U20LPS DIODES-SBR05U20LPS Datasheet
97Kb / 3P
0.5A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
DS31357 Rev. 1 - 2
SBR07U20LPS DIODES-SBR07U20LPS Datasheet
96Kb / 3P
0.7A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
DS31358 Rev. 2 - 2
SBR1U150SA DIODES-SBR1U150SA_15 Datasheet
107Kb / 5P
1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev 7
SBR2A40P1 DIODES-SBR2A40P1_15 Datasheet
549Kb / 6P
2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev erse
SBR2U30SA DIODES-SBR2U30SA_15 Datasheet
102Kb / 5P
2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev 8
SBR2U150SA DIODES-SBR2U150SA_15 Datasheet
222Kb / 5P
2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev 6
SBR05U20LP DIODES-SBR05U20LP_15 Datasheet
131Kb / 4P
0.5A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev erse
SBR05U20LPS DIODES-SBR05U20LPS_15 Datasheet
321Kb / 5P
0.5A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev erse
SBR0240LP DIODES-SBR0240LP_15 Datasheet
101Kb / 4P
SURFACE MOUNT SUPER BARRIER RECTIFIER 0.2A SBR짰
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com