Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2338-18 Datasheet (PDF) - Linear Technology

LTC2338-18 Datasheet PDF - Linear Technology
Part # LTC2338-18_15
Download  LTC2338-18 Download
File Size   628.19 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description True Bipolar, Fully Differential Input ADC with 100dB SNR

LTC2338-18 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2338-18 Datasheet PDF - Linear Technology

Part # LTC2338-18_15
Download  LTC2338-18 Click to download

File Size   628.19 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description True Bipolar, Fully Differential Input ADC with 100dB SNR

LTC2338-18 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC2338-18_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2338-18 LINER-LTC2338-18 Datasheet
999Kb / 26P
16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2338-18 LINER-LTC2338-18 Datasheet
992Kb / 26P
16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2338-18 LINER-LTC2338-18 Datasheet
2Mb / 40P
16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2338-18 LINER-LTC2338-18 Datasheet
2Mb / 40P
18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2338-18 LINER-LTC2338-18 Datasheet
1Mb / 40P
Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results


Similar Description - LTC2338-18_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2337-18 LINER-LTC2337-18_15 Datasheet
753Kb / 24P
True Bipolar, Fully Differential Input ADC with 100dB SNR
LTC2336-18 LINER-LTC2336-18_15 Datasheet
760Kb / 24P
True Bipolar, Fully Differential Input ADC with 100dB SNR
LTC2326-18 LINER-LTC2326-18_15 Datasheet
1Mb / 26P
True Bipolar, Pseudo-Differential Input ADC with 95dB SNR
LTC2327-16 LINER-LTC2327-16_15 Datasheet
1Mb / 24P
True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2327-18 LINER-LTC2327-18_15 Datasheet
512Kb / 26P
True Bipolar, Pseudo-Differential Input ADC with 95dB SNR
LTC2328-16 LINER-LTC2328-16_15 Datasheet
1Mb / 26P
True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2328-18 LINER-LTC2328-18_15 Datasheet
1Mb / 26P
True Bipolar, Pseudo-Differential Input ADC with 95dB SNR
LTC2326-16 LINER-LTC2326-16_15 Datasheet
1Mb / 24P
True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2326-16 LINER-LTC2326-16 Datasheet
999Kb / 26P
16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2328-16 LINER-LTC2328-16 Datasheet
992Kb / 26P
16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com