Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGF12JD Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

UGF12JD Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # UGF12JD
Download  UGF12JD Download
File Size   216.79 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 12A, 600V Isolated Ultrafast Rectifier

UGF12JD Datasheet (PDF)

Go To PDF Page Download Datasheet
UGF12JD Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # UGF12JD
Download  UGF12JD Click to download

File Size   216.79 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 12A, 600V Isolated Ultrafast Rectifier

UGF12JD Datasheet (HTML) - Taiwan Semiconductor Company, Ltd




Similar Part No. - UGF12JD

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UGF12J TSC-UGF12J Datasheet
214Kb / 2P
12.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
UGF12J TSC-UGF12J Datasheet
232Kb / 3P
12.0AMPS. Isolated Ultra Fast Rectifiers
logo
Vishay Siliconix
UGF12JT VISHAY-UGF12JT Datasheet
55Kb / 3P
Ultrafast Rectifiers
30-Jul-02
UGF12JT VISHAY-UGF12JT Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
UGF12JT-E3/45 VISHAY-UGF12JT-E3/45 Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
More results


Similar Description - UGF12JD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF20UP60DN FAIRCHILD-FFPF20UP60DN Datasheet
241Kb / 5P
20A, 600V Ultrafast Rectifier
FFH60UP60S3 FAIRCHILD-FFH60UP60S3 Datasheet
490Kb / 6P
60A, 600V Ultrafast Rectifier
FFH60UP60S FAIRCHILD-FFH60UP60S_11 Datasheet
291Kb / 7P
60A, 600V Ultrafast Rectifier
RURG3060_F085 FAIRCHILD-RURG3060_F085 Datasheet
276Kb / 6P
30A, 600V Ultrafast Rectifier
RURG3060CC_F085 FAIRCHILD-RURG3060CC_F085 Datasheet
256Kb / 6P
30A, 600V Ultrafast Rectifier
RURG8060_F085 FAIRCHILD-RURG8060_F085 Datasheet
546Kb / 6P
80A, 600V Ultrafast Rectifier
RURP1560_F085 FAIRCHILD-RURP1560_F085 Datasheet
472Kb / 6P
15A, 600V Ultrafast Rectifier
logo
KODENSHI_AUK CORP.
SFN30W600W2 KODENSHI-SFN30W600W2 Datasheet
241Kb / 5P
600V, 30A ULTRAFAST RECTIFIER
SFN60W600W2 KODENSHI-SFN60W600W2 Datasheet
243Kb / 5P
600V, 60A ULTRAFAST RECTIFIER
logo
Taiwan Semiconductor Co...
UF5JFC TSC-UF5JFC Datasheet
300Kb / 5P
5A, 600V Ultrafast Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com