Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25-NSR Datasheet (PDF) - Naina Semiconductor ltd.

25-NSR Datasheet PDF - Naina Semiconductor ltd.
Part # 25-NSR
Download  25-NSR Download
File Size   178.94 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Standard Recovery Diodes (Stud and Lead Type), 25A

25-NSR Datasheet (PDF)

Go To PDF Page Download Datasheet
25-NSR Datasheet PDF - Naina Semiconductor ltd.

Part # 25-NSR
Download  25-NSR Click to download

File Size   178.94 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Standard Recovery Diodes (Stud and Lead Type), 25A

25-NSR Datasheet (HTML) - Naina Semiconductor ltd.




Similar Part No. - 25-NSR

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
25-NSFR NAINA-25-NSFR Datasheet
150Kb / 2P
Fast Recovery Diodes, 25A
More results


Similar Description - 25-NSR

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
40NS NAINA-40NS_1 Datasheet
119Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
70NS NAINA-70NS_1 Datasheet
118Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
85NS NAINA-85NS_1 Datasheet
117Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
40NS NAINA-40NS_11 Datasheet
120Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
70NS NAINA-70NS_11 Datasheet
120Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
85NS NAINA-85NS_11 Datasheet
119Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
40-NSR NAINA-40-NSR Datasheet
170Kb / 2P
Standard Recovery Diodes (Stud and Lead Type), 40A
70-NSR NAINA-70-NSR Datasheet
178Kb / 2P
Standard Recovery Diodes (Stud and Lead Type), 70A
25NS NAINA-25NS_17 Datasheet
688Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
40NS NAINA-40NS_17 Datasheet
687Kb / 2P
Standard Recovery Diodes (Stud and Lead Type), 40A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com