Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77110 Datasheet (PDF) - NEC

UPD77110 Datasheet PDF - NEC
Part # UPD77110
Download  UPD77110 Download
File Size   451.78 Kbytes
Page   80 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS

UPD77110 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD77110 Datasheet PDF - NEC

Part # UPD77110
Download  UPD77110 Click to download

File Size   451.78 Kbytes
Page   80 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS

UPD77110 Datasheet (HTML) - NEC


UPD77110 Product details

DESCRIPTION

The µPD77110, 77111, and 77112 are 16-bit fixed-point digital signal processors (DSPs).

Compared with the µPD77016 family, these DSPs have improved power consumption and are ideal for battery powered mobile terminals such as PDAs and cellular phones.

Both mask ROM and RAM models are available.



For details of the functions of these DSPs, refer to the following User’s Manuals:

µPD77111 Family User’s Manual : To be available soon

µPD7701X Family User’s Manual - Instructions: U13116E



FEATURES

 Instruction cycle (operating clock)

   µPD77110: 15.3 ns MIN (65 MHz MAX)

                  13.3 ns MIN (75 MHz MAX) (Operating voltage and ambient temperature are limited.)

   µPD77111: 13.3 ns MIN (75 MHz MAX)

   µPD77112: 13.3 ns MIN (75 MHz MAX)

 Memory

   • Internal instruction memory

      µPD77110: RAM 35.5K words × 32 bits

      µPD77111: RAM 1K words × 32 bits

                     Mask ROM 31.75K words × 32 bits

      µPD77112: RAM 1K words × 32 bits

                     Mask ROM 31.75K words × 32 bits

    • Data memory

      µPD77110: RAM 24K words × 16 bits × 2 banks

                     External memory space 32K words × 16 bits × 2 banks

      µPD77111: RAM 3K words × 16 bits × 2 banks

                     Mask ROM 16K words × 16 bits × 2 banks

      µPD77112: RAM 3K words × 16 bits × 2 banks

                     Mask ROM 16K words × 16 bits × 2 banks

                     External memory space 16K words × 16 bits × 2 banks



 




Similar Part No. - UPD77110

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD77110 RENESAS-UPD77110 Datasheet
598Kb / 82P
MOS INTEGRATED CIRCUIT
1999
UPD77110GC-9EU RENESAS-UPD77110GC-9EU Datasheet
598Kb / 82P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD77110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com