Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

242 Datasheet (PDF) - Littelfuse

242 Datasheet PDF - Littelfuse
Part # 242
Download  242 Download
File Size   90.44 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Hazardous Area Fuses

242 Datasheet (PDF)

Go To PDF Page Download Datasheet
242 Datasheet PDF - Littelfuse

Part # 242
Download  242 Click to download

File Size   90.44 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Hazardous Area Fuses

242 Datasheet (HTML) - Littelfuse


242 Product details

Barrier Network Fuse 242 Series

• Meets Barrier Network Standards (EN50020) for hazardous applications.
• High interrupting rating. Meets the 1500A minimum.
• Available in both axial lead and surface mount.

Safe-T-Plus Fuse 259 Series
• Designed to allow equipment to meet “Intrinsically Safe” certification for
   applications in gas plants, petrochemical and processing industries
   where there is a danger of gas explosion from faulty circuits.
• Hermetically sealed.




Similar Part No. - 242

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
242-000-001L000 ETC2-242-000-001L000 Datasheet
75Kb / 2P
DIAMOND Fiber Optic Components
242-000-002L000 ETC2-242-000-002L000 Datasheet
75Kb / 2P
DIAMOND Fiber Optic Components
242-000-003L000 ETC2-242-000-003L000 Datasheet
75Kb / 2P
DIAMOND Fiber Optic Components
242-000-004L000 ETC2-242-000-004L000 Datasheet
75Kb / 2P
DIAMOND Fiber Optic Components
242-000-005L000 ETC2-242-000-005L000 Datasheet
75Kb / 2P
DIAMOND Fiber Optic Components
More results


Similar Description - 242

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
EXP BULGIN-EXP Datasheet
3Mb / 5P
EXP Series EXPlora - Hazardous Area
logo
PHOENIX CONTACT
BAR-ANT-N-N-EX PHOENIX-BAR-ANT-N-N-EX Datasheet
277Kb / 9P
Antenna barrier for the hazardous area
logo
Schneider Electric
XS7E1A1PAL10EX SCHNEIDER-XS7E1A1PAL10EX Datasheet
98Kb / 2P
inductive sensor hazardous area - 26x26x13 - Sn 10mm - NO - cable 10m
Jan 7, 2021
XS8D1A1PAL10EX SCHNEIDER-XS8D1A1PAL10EX Datasheet
89Kb / 2P
inductive sensor hazardous area - 80x80x26 - Sn 40mm - NO - cable 10m
Jan 7, 2021
XS9C11RPBL01MEX SCHNEIDER-XS9C11RPBL01MEX Datasheet
96Kb / 2P
rotation monitoring hazardous area - 40x40x15 - Sn 15mm - NC - M12 connector
Jan 7, 2021
XS9E11RPBL01MEX SCHNEIDER-XS9E11RPBL01MEX Datasheet
83Kb / 2P
rotation monitoring hazardous area - 26x26x13- Sn 10mm - NC - M12 connector
JAN 07, 2021
logo
G.M. International
PSD1001 GMI-PSD1001 Datasheet
250Kb / 2P
SIL 3 - SIL 2 Quad ch. Power Supply for Hazardous Area Equipment for Hazardous Area Equipment
PSD5201 GMI-PSD5201 Datasheet
131Kb / 2P
I.S. SIL3 Power Supply for Hazardous Area Equipment
logo
STEGO Elektrotechnik Gm...
CREX020-T4 STEGO-CREX020-T4 Datasheet
325Kb / 1P
HAZARDOUS AREA HEATER
23.08.2022
CREX020-T5 STEGO-CREX020-T5 Datasheet
297Kb / 1P
HAZARDOUS AREA HEATER
23.08.2022
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com