Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KLPC Datasheet (PDF) - Littelfuse

KLPC Datasheet PDF - Littelfuse
Part # KLPC
Download  KLPC Download
File Size   90.97 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description KLPC Series POWR-PRO Class L Fuses

KLPC Datasheet (PDF)

Go To PDF Page Download Datasheet
KLPC Datasheet PDF - Littelfuse

Part # KLPC
Download  KLPC Click to download

File Size   90.97 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description KLPC Series POWR-PRO Class L Fuses

KLPC Datasheet (HTML) - Littelfuse


KLPC Product details

KLPC series POWR-PRO® fuses provide ideal overcurrent protection for circuits from 200 through 6000 amperes. KLPC series POWR-PRO® fuses specification-grade construction and performance meet or exceed the most stringent project specifications: 99.9% pure silver links, silver-plated copper end bells, glass-reinforced melamine bodies, O-ring seals between body and end bells, and granular quartz fillers.

FEATURES AND BENEFITS
■ Eliminate unnecessary downtime — KLPC POWRPRO® series fuses’
   time delay withstands system surges
   and keeps your circuits in service.
■ Best protection for system components — Maximum
   current limitation means less equipment and system
   damage when short circuits occur. Reduced damage
   means that electrical service can be restored quickly,
   reducing costly downtime, and often permitting equipment
   repair rather than replacement.
■ Coordinates with other system components — KLPC
   series fuses provide maximum coordination with fuses and
   circuit breakers both on the line and load side of the fuses.
   See the Fuseology section of this catalog for additional
   information.
■ Eliminate need to oversize fuses — This may permit the
   use of smaller less expensive switches, and, since the
   lower rated fuses are more current limiting, equipment
   receives even better protection.
■ 300kA Interrupting Rating — Littelfuse self-certified to
   300,000 amperes as standard. Meets future trend towards
   higher available short circuit currents.

APPLICATIONS
   Service switches
   Switchboard mains and feeders
   Bolted pressure contact switches
   Motor control center mains
   Large motor branch circuits
   UL Listed series-rated protection for molded case circuit
      breaker panelboards and loadcenters. (See panelboard
      manufacturers’ literature for recommended fuse rating.)
   Primary and secondary protection for transformers
   Protection of power circuit breakers




Similar Part No. - KLPC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLPC LITTELFUSE-KLPC Datasheet
460Kb / 2P
600 VAC
KLPC800 LITTELFUSE-KLPC800 Datasheet
460Kb / 2P
600 VAC
KLPC800.X LITTELFUSE-KLPC800.X Datasheet
460Kb / 2P
600 VAC
KLPC800.X LITTELFUSE-KLPC800.X Datasheet
499Kb / 2P
CLASS L ??KLPC SERIES FUSES
Rev: 060719
KLPC LITTELFUSE-KLPC_12 Datasheet
460Kb / 2P
600 VAC
More results


Similar Description - KLPC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CCMR LITTELFUSE-CCMR Datasheet
111Kb / 2P
CCMR Series POWR-PRO CC Fuses
LLNRK LITTELFUSE-LLNRK Datasheet
189Kb / 3P
LLNRK/LLSRK Series POWR-PRO Class RK1
LGD0-30A LITTELFUSE-LGD0-30A Datasheet
484Kb / 1P
LgD Series Global Pro-tection Fuses
JTD LITTELFUSE-JTD Datasheet
876Kb / 3P
JTD SERIES INDICATOR POWR-PRO FUSES
JTD-ID LITTELFUSE-JTD-ID Datasheet
876Kb / 3P
JTD SERIES INDICATOR POWR-PRO FUSES
LDC LITTELFUSE-LDC Datasheet
476Kb / 2P
CLASS L-LDC SERIES FUSES
logo
Cooper Bussmann, Inc.
KLU-601 COOPER-KLU-601 Datasheet
643Kb / 4P
Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
logo
Littelfuse
LDC LITTELFUSE-LDC_16 Datasheet
290Kb / 13P
CLASS L ??LDC SERIES FUSES
JTD LITTELFUSE-JTD_V01 Datasheet
441Kb / 3P
JTD SERIES INDICATOR짰 POWR-PRO짰 FUSES
Rev: 1-B-112320
KLPC LITTELFUSE-KLPC_V01 Datasheet
499Kb / 2P
CLASS L ??KLPC SERIES FUSES
Rev: 060719
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com