Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP2534R Datasheet (PDF) - Naina Semiconductor ltd.

NP2534R Datasheet PDF - Naina Semiconductor ltd.
Part # NP2534R
Download  NP2534R Download
File Size   117.46 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description TVS Auto Rectifier, 25A

NP2534R Datasheet (PDF)

Go To PDF Page Download Datasheet
NP2534R Datasheet PDF - Naina Semiconductor ltd.

Part # NP2534R
Download  NP2534R Click to download

File Size   117.46 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description TVS Auto Rectifier, 25A

NP2534R Datasheet (HTML) - Naina Semiconductor ltd.




Similar Part No. - NP2534R

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
NP253 SHUNYE-NP253 Datasheet
245Kb / 2P
1/2 PRESS-FIT STRAIGHT LEAD DIODES
More results


Similar Description - NP2534R

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ25A WTE-KBJ25A Datasheet
49Kb / 3P
25A BRIDGE RECTIFIER
logo
Sanyo Semicon Device
SB250-05H SANYO-SB250-05H Datasheet
79Kb / 3P
50V, 25A Rectifier
SB250-05R SANYO-SB250-05R Datasheet
80Kb / 3P
50V, 25A Rectifier
SBA250-04R SANYO-SBA250-04R Datasheet
82Kb / 3P
40V, 25A Rectifier
logo
Digitron Semiconductors
MBR2535CTL DIGITRON-MBR2535CTL Datasheet
445Kb / 2P
25A SCHOTTKY RECTIFIER
logo
Naina Semiconductor ltd...
NP3520R NAINA-NP3520R Datasheet
117Kb / 2P
TVS Auto Rectifier, 35A
NP5020R NAINA-NP5020R Datasheet
117Kb / 2P
TVS Auto Rectifier, 50A
NP2520 NAINA-NP2520 Datasheet
117Kb / 2P
TVS Auto Rectifier, 25A
NP3520 NAINA-NP3520 Datasheet
117Kb / 2P
TVS Auto Rectifier, 35A
NP5020 NAINA-NP5020 Datasheet
117Kb / 2P
TVS Auto Rectifier, 50A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com