Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1A2 Datasheet (PDF) - Leshan Radio Company

1A2 Datasheet PDF - Leshan Radio Company
Part # 1A2
Download  1A2 Download
File Size   47.89 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 1A GENERAL DIODES

1A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
1A2 Datasheet PDF - Leshan Radio Company

Part # 1A2
Download  1A2 Click to download

File Size   47.89 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 1A GENERAL DIODES

1A2 Datasheet (HTML) - Leshan Radio Company


1A2 Product details

Reverse Voltage 50 to 1000V Forward Current 1.0A

Feature
* Plastic package has Underwriters Laboratories
   Flammability Classification 94V-0
* Construction utilizes void-free molded plastic technique
* Low reverse leakage
* High forward surge capability
* Diffused junction
* High temperature soldering guaranteed:
   260°C/10 seconds, 0.375" (9.5mm) lead length,
   5 lbs. (2.3kg) tension




Similar Part No. - 1A2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1A2 PANJIT-1A2 Datasheet
52Kb / 2P
MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Won-Top Electronics
1A2 WTE-1A2 Datasheet
54Kb / 3P
1.0A MINIATURE SILICON RECTIFIER
logo
Zowie Technology Corpor...
1A2 ZOWIE-1A2 Datasheet
45Kb / 2P
SILICON RECTIFIER
logo
Rectron Semiconductor
1A2 RECTRON-1A2 Datasheet
210Kb / 2P
SILICON RECTIFIER
logo
Jinan Gude Electronic D...
1A2 JGD-1A2 Datasheet
140Kb / 2P
1.0 AMP.SILICON RECTIFIERS
More results


Similar Description - 1A2

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1F1 LRC-1F1 Datasheet
51Kb / 2P
1A FAST RECOVERY DIODES
1N4001 LRC-1N4001 Datasheet
48Kb / 2P
1A GENERAL DIODES
1N4001E LRC-1N4001E Datasheet
48Kb / 2P
1A GENERAL DIODES
1N4001G LRC-1N4001G Datasheet
51Kb / 2P
1A GENERAL PURPOSE GPP DIODES
1N4933E LRC-1N4933E Datasheet
55Kb / 2P
1A FAST RECOVERY DIODES
BA157 LRC-BA157 Datasheet
73Kb / 2P
1A FAST RECOVERY DIODES
FR101 LRC-FR101 Datasheet
52Kb / 2P
1A FAST RECOVERY DIODES
logo
Guangdong Kexin Industr...
1N4001 KEXIN-1N4001 Datasheet
37Kb / 1P
1A Rectifier Diodes
logo
Shindengen Electric Mfg...
S1NBB80-7062 SHINDENGEN-S1NBB80-7062 Datasheet
728Kb / 5P
Bridge Diodes 800V, 1A
S1NBB80-7101 SHINDENGEN-S1NBB80-7101 Datasheet
707Kb / 5P
Bridge Diodes 800V, 1A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com