Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT591Q Datasheet (PDF) - Diodes Incorporated

FMMT591Q Datasheet PDF - Diodes Incorporated
Part # FMMT591Q
Download  FMMT591Q Download
File Size   470.47 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP MEDIUM POWER TRANSISTOR IN SOT23

FMMT591Q Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT591Q Datasheet PDF - Diodes Incorporated

Part # FMMT591Q
Download  FMMT591Q Click to download

File Size   470.47 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP MEDIUM POWER TRANSISTOR IN SOT23

FMMT591Q Datasheet (HTML) - Diodes Incorporated


FMMT591Q Product details

Description
This Bipolar Junction Transistor (BJT) has been designed to meet the stringent requirements of Automotive Applications.

Features
• BVCEO > -60V
• IC = -1A High Continuous Collector Current
• ICM = -2A Peak Pulse Current
• RSAT = 295mΩ for a Low Equivalent On-Resistance
• hFE Characterized up to -2A for High Current Gain Hold Up
• Complementary NPN Type: FMMT491Q
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)




Similar Part No. - FMMT591Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT591Q DIODES-FMMT591Q Datasheet
574Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR
Rev 2
FMMT591QTA DIODES-FMMT591QTA Datasheet
574Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR
Rev 2
FMMT591Q DIODES-FMMT591Q_15 Datasheet
470Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT591Q DIODES-FMMT591Q_17 Datasheet
574Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR
Rev 2
More results


Similar Description - FMMT591Q

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2027F ZETEX-ZXTP2027F Datasheet
543Kb / 6P
60V, SOT23, PNP medium power transistor
ZXTP25060BFH ZETEX-ZXTP25060BFH Datasheet
388Kb / 6P
60V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP2027F DIODES-ZXTP2027F Datasheet
439Kb / 8P
60V, SOT23, PNP medium power transistor
MAY 2007
ZXTP25060BFH DIODES-ZXTP25060BFH Datasheet
396Kb / 8P
60V, SOT23, PNP medium power transistor
MARCH 2008
FMMT591TC DIODES-FMMT591TC Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT491 DIODES-FMMT491_15 Datasheet
393Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 8
FMMT591 DIODES-FMMT591_15 Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT591Q DIODES-FMMT591Q_15 Datasheet
470Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
ZXTP2027F DIODES-ZXTP2027F_15 Datasheet
439Kb / 8P
60V, SOT23, PNP medium power transistor
MAY 2007
ZXTP25060BFH DIODES-ZXTP25060BFH_15 Datasheet
229Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com