Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT751Q Datasheet (PDF) - Diodes Incorporated

FZT751Q Datasheet PDF - Diodes Incorporated
Part # FZT751Q
Download  FZT751Q Download
File Size   265.27 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223

FZT751Q Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT751Q Datasheet PDF - Diodes Incorporated

Part # FZT751Q
Download  FZT751Q Click to download

File Size   265.27 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223

FZT751Q Datasheet (HTML) - Diodes Incorporated


FZT751Q Product details

Description
This Bipolar Junction Transistor (BJT) is designed to meet the stringent requirements of automotive applications.

Features
• BVCEO > -60V
• IC = -3A High Continuous Current
• ICM = -6A Peak Pulse Current
• Low Saturation Voltage VCE(SAT) < -300mV @ -1A
• Complementary NPN Type: FZT651Q
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• Automotive Lighting
• MOSFET and IGBT Gate Driving




Similar Part No. - FZT751Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT751Q DIODES-FZT751Q Datasheet
578Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR
Rev 3
FZT751QTA DIODES-FZT751QTA Datasheet
578Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR
Rev 3
FZT751QTC DIODES-FZT751QTC Datasheet
578Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR
Rev 3
FZT751Q DIODES-FZT751Q_15 Datasheet
265Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 2
FZT751Q DIODES-FZT751Q_18 Datasheet
578Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR
Rev 3
More results


Similar Description - FZT751Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP19060CG DIODES-ZXTP19060CG Datasheet
371Kb / 8P
60V PNP medium transistor in SOT223
FEBRUARY 2008
ZX5T1951GTA DIODES-ZX5T1951GTA Datasheet
215Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT651 DIODES-FZT651_12 Datasheet
259Kb / 7P
60V NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 4
FZT651Q DIODES-FZT651Q Datasheet
526Kb / 7P
60V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 2
FZT651 DIODES-FZT651_15 Datasheet
501Kb / 7P
60V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 6
FZT651Q DIODES-FZT651Q_15 Datasheet
526Kb / 7P
60V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 2
FZT749 DIODES-FZT749_15 Datasheet
644Kb / 7P
25V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 6
FZT751 DIODES-FZT751_15 Datasheet
582Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 9
FZT753 DIODES-FZT753_15 Datasheet
853Kb / 7P
100V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 6
FZT751Q DIODES-FZT751Q_15 Datasheet
265Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR IN SOT223
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com