Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX5T1951G Datasheet (PDF) - Diodes Incorporated

ZX5T1951G Datasheet PDF - Diodes Incorporated
Part # ZX5T1951G
Download  ZX5T1951G Download
File Size   196.64 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP MEDIUM POWER TRANSISTOR IN SOT223

ZX5T1951G Datasheet (PDF)

Go To PDF Page Download Datasheet
ZX5T1951G Datasheet PDF - Diodes Incorporated

Part # ZX5T1951G
Download  ZX5T1951G Click to download

File Size   196.64 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP MEDIUM POWER TRANSISTOR IN SOT223

ZX5T1951G Datasheet (HTML) - Diodes Incorporated


ZX5T1951G Product details

Features
• BVCEO > -60V
• IC = -6A Continuous Collector Current
• Low Saturation Voltage VCE(sat) < -95mV max @ -1A
• RCE(sat) = 40mΩ for a low Equivalent On-Resistance
• hFE Specified up to -10A for a High Gain Hold-Up
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. "Green" Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Motor Driving
• DC-DC Modules
• Backlight Inverters
• Actuator, Relay, and Solenoid Drivers




Similar Part No. - ZX5T1951G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX5T1951GTA DIODES-ZX5T1951GTA Datasheet
215Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
ZX5T1951G DIODES-ZX5T1951G_15 Datasheet
196Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
More results


Similar Description - ZX5T1951G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T951G ZETEX-ZX5T951G Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2012G ZETEX-ZXTP2012G Datasheet
123Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T951G DIODES-ZX5T951G Datasheet
133Kb / 6P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
ZXTP19060CG DIODES-ZXTP19060CG Datasheet
371Kb / 8P
60V PNP medium transistor in SOT223
FEBRUARY 2008
ZX5T1951GTA DIODES-ZX5T1951GTA Datasheet
215Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT591 DIODES-FZT591_15 Datasheet
462Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT951 DIODES-FZT951_15 Datasheet
665Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
ZX5T951G DIODES-ZX5T951G_15 Datasheet
540Kb / 7P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 4
ZX5T1951G DIODES-ZX5T1951G_15 Datasheet
196Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
ZXTP19060CG DIODES-ZXTP19060CG_15 Datasheet
836Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com