Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDS1040Q-13 Datasheet (PDF) - Diodes Incorporated

PDS1040Q-13 Datasheet PDF - Diodes Incorporated
Part # PDS1040Q-13
Download  PDS1040Q-13 Download
File Size   435.05 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 10A SCHOTTKY BARRIER RECTIFIER POWERDI짰5

PDS1040Q-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDS1040Q-13 Datasheet PDF - Diodes Incorporated

Part # PDS1040Q-13
Download  PDS1040Q-13 Click to download

File Size   435.05 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 10A SCHOTTKY BARRIER RECTIFIER POWERDI짰5

PDS1040Q-13 Datasheet (HTML) - Diodes Incorporated




Similar Part No. - PDS1040Q-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
PDS1040 DIODES-PDS1040 Datasheet
102Kb / 5P
10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 9 - 2
PDS1040-13 DIODES-PDS1040-13 Datasheet
86Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
PDS1040-13 DIODES-PDS1040-13 Datasheet
102Kb / 5P
10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 9 - 2
logo
Silicon Laboratories
PDS1040-13 SILABS-PDS1040-13 Datasheet
431Kb / 14P
ISOLATED EVALUATION BOARD FOR THE Si3402B
More results


Similar Description - PDS1040Q-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10U45SP5 DIODES-SBR10U45SP5 Datasheet
130Kb / 3P
10A SBR짰 SUPER BARRIER RECTIFIER PowerDI짰5
DS31371 Rev. 4 - 2
SBR1045SP5 DIODES-SBR1045SP5 Datasheet
80Kb / 3P
10A SBR짰 SUPER BARRIER RECTIFIER PowerDI짰5
DS31370 Rev. 3 - 2
SBR8A60P5-13 DIODES-SBR8A60P5-13 Datasheet
95Kb / 4P
SUPER BARRIER RECTIFIER POWERDI짰5
Rev 3
PDS1040CTL DIODES-PDS1040CTL_15 Datasheet
445Kb / 6P
10A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰5
Rev erse
PDS5100Q DIODES-PDS5100Q_15 Datasheet
431Kb / 6P
5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰5
Rev 2
PDS3100Q DIODES-PDS3100Q_15 Datasheet
218Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰5
Rev erse
PDS340 DIODES-PDS340_15 Datasheet
381Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER POWERDI짰5
Rev erse
PDS3200 DIODES-PDS3200_15 Datasheet
495Kb / 5P
3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI짰5
Rev 19
PDS5100H DIODES-PDS5100H_15 Datasheet
208Kb / 5P
5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰5
Rev 24
SBR10U45SP5Q DIODES-SBR10U45SP5Q_15 Datasheet
163Kb / 6P
SUPER BARRIER RECTIFIER 10A SBR짰 POWERDI짰5
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com