Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB178 Datasheet (PDF) - Leshan Radio Company

BB178 Datasheet PDF - Leshan Radio Company
Part # BB178
Download  BB178 Download
File Size   155.29 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description VHF variable capacitance diode

BB178 Datasheet (PDF)

Go To PDF Page Download Datasheet
BB178 Datasheet PDF - Leshan Radio Company

Part # BB178
Download  BB178 Click to download

File Size   155.29 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description VHF variable capacitance diode

BB178 Datasheet (HTML) - Leshan Radio Company


BB178 Product details

DESCRIPTION
The BB178 is a planar technology variable capacitance diode, in a SOD523 (SC-79) package. The excellent matching performance is achieved by gliding matching and a direct matching assembly procedure.

FEATURES
• Excellent linearity
• Excellent matching to 2% DMA
• Ultra small plastic SMD package
• C 28: 2.6 pF; ratio: 15
• Very low series resistance.

APPLICATIONS
• Electronic tuning in VHF television tuners, band B up to 460 MHz
• Voltage controlled oscillators(VCO).




Similar Part No. - BB178

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB178 PHILIPS-BB178 Datasheet
49Kb / 8P
VHF variable capacitance diode
1997 Nov 13
logo
Unisonic Technologies
BB178 UTC-BB178 Datasheet
112Kb / 2P
VHF VARIABLE CAPACITANCE DIODE
logo
NXP Semiconductors
BB178 NXP-BB178 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Unisonic Technologies
BB178G-CC2-R UTC-BB178G-CC2-R Datasheet
112Kb / 2P
VHF VARIABLE CAPACITANCE DIODE
BB178L-CC2-R UTC-BB178L-CC2-R Datasheet
112Kb / 2P
VHF VARIABLE CAPACITANCE DIODE
More results


Similar Description - BB178

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BB187 LRC-BB187 Datasheet
140Kb / 2P
VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
VHF variable capacitance diode
2002 Mar 05
BB181 NXP-BB181 Datasheet
226Kb / 6P
VHF variable capacitance diode
Rev. 02-2 January 2008
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
VHF variable capacitance diode
Rev. 01-29 January 2009
logo
Quanzhou Jinmei Electro...
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
VHF variable capacitance diode
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
VHF variable capacitance diode
logo
NXP Semiconductors
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
VHF variable capacitance diode
Rev. 1-25 March 2013
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
VHF variable capacitance diode
Rev. 01-19 February 2009
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
VHF variable capacitance diode
logo
NXP Semiconductors
BB173 NXP-BB173 Datasheet
86Kb / 8P
VHF variable capacitance diode
Rev. 1-25 March 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com