Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM403 Datasheet (PDF) - Leshan Radio Company

FM403 Datasheet PDF - Leshan Radio Company
Part # FM403
Download  FM403 Download
File Size   52.36 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 1A GLASS PASSIVATED SMA DIODES

FM403 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM403 Datasheet PDF - Leshan Radio Company

Part # FM403
Download  FM403 Click to download

File Size   52.36 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 1A GLASS PASSIVATED SMA DIODES

FM403 Datasheet (HTML) - Leshan Radio Company


FM403 Product details

Reverse Voltage 50 to 1000V Forward Current 1.0A

FEATURES
* Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
* High temperature metallurgically
   bonded construction
* Cavity-free glass passivated junction
* Capable of meeting environmental standards
   of MIL-S-19500
* 1.0 A operation at TA=75°C with no thermal runaway
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
   260°C/10 seconds




Similar Part No. - FM403

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FM403 LRC-FM403 Datasheet
178Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50
logo
AiT Semiconductor Inc.
FM403 AITSEMI-FM403 Datasheet
503Kb / 5P
GLASS RECTIFIER DIODES REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT1.0A
REV1.0
logo
Rectron Semiconductor
FM4032W RECTRON-FM4032W Datasheet
26Kb / 3P
SURFACE MOUNT SILICON RECTIFIER VOLTAGE 3200 Volts CURRENT 0.2 Ampere
More results


Similar Description - FM403

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
EFM101 LRC-EFM101 Datasheet
57Kb / 2P
1A FAST RECOVERY SMA DIODES
FFM101 LRC-FFM101 Datasheet
53Kb / 2P
1A FAST RECOVERY SMA DIODES
FM4933 LRC-FM4933 Datasheet
58Kb / 2P
1A FAST RECOVERY SMA DIODES
SS12 LRC-SS12 Datasheet
68Kb / 2P
1A SCHOTTKY SMA DIODES
logo
Cystech Electonics Corp...
CSMA20XSA CYSTEKEC-CSMA20XSA Datasheet
176Kb / 4P
2.0Amp. Glass Passivated Diodes
logo
Frontier Electronics.
FR10-005G FRONTIER-FR10-005G Datasheet
127Kb / 2P
1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
SUNMATE electronic Co.,...
HER501G SUNMATE-HER501G Datasheet
282Kb / 2P
GLASS PASSIVATED ULTRAFAST DIODES
HER601G SUNMATE-HER601G Datasheet
342Kb / 2P
GLASS PASSIVATED ULTRAFAST DIODES
HER101G SUNMATE-HER101G Datasheet
382Kb / 2P
GLASS PASSIVATED ULTRAFAST DIODES
HER301G SUNMATE-HER301G Datasheet
380Kb / 2P
GLASS PASSIVATED ULTRAFAST DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com