Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT620 Datasheet (PDF) - Diodes Incorporated

FMMT620 Datasheet PDF - Diodes Incorporated
Part # FMMT620_15
Download  FMMT620 Download
File Size   224.48 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23

FMMT620 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT620 Datasheet PDF - Diodes Incorporated

Part # FMMT620_15
Download  FMMT620 Click to download

File Size   224.48 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23

FMMT620 Datasheet (HTML) - Diodes Incorporated




Similar Part No. - FMMT620_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT620TA ZETEX-FMMT620TA Datasheet
294Kb / 6P
SuperSOT 80V NPN SILICON LOW SATURATION TRANSISTOR
FMMT620TA ZETEX-FMMT620TA Datasheet
240Kb / 6P
SuperSOT??80V NPN SILICON LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
FMMT620TA DIODES-FMMT620TA Datasheet
208Kb / 7P
80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
DS32123 Rev. 2 - 2
logo
Zetex Semiconductors
FMMT620TC ZETEX-FMMT620TC Datasheet
294Kb / 6P
SuperSOT 80V NPN SILICON LOW SATURATION TRANSISTOR
FMMT620TC ZETEX-FMMT620TC Datasheet
240Kb / 6P
SuperSOT??80V NPN SILICON LOW SATURATION TRANSISTOR
More results


Similar Description - FMMT620_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT620 ZETEX-FMMT620 Datasheet
294Kb / 6P
SuperSOT 80V NPN SILICON LOW SATURATION TRANSISTOR
FMMT620 ZETEX-FMMT620_06 Datasheet
240Kb / 6P
SuperSOT??80V NPN SILICON LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
FMMT620 DIODES-FMMT620 Datasheet
208Kb / 7P
80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
DS32123 Rev. 2 - 2
FMMT625 DIODES-FMMT625 Datasheet
187Kb / 6P
150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
APRIL 97
FMMT618TA DIODES-FMMT618TA Datasheet
181Kb / 8P
20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT619TA DIODES-FMMT619TA Datasheet
162Kb / 7P
50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 8
FMMT619TC DIODES-FMMT619TC Datasheet
162Kb / 7P
50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 8
FMMT618 DIODES-FMMT618_15 Datasheet
180Kb / 7P
20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT625 DIODES-FMMT625_15 Datasheet
275Kb / 7P
150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT619 DIODES-FMMT619_15 Datasheet
228Kb / 7P
50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 8
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com