Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z13VT1 Datasheet (PDF) - Leshan Radio Company

MM3Z13VT1 Datasheet PDF - Leshan Radio Company
Part # MM3Z13VT1
Download  MM3Z13VT1 Download
File Size   83.55 Kbytes
Page   5 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Zener Voltage Regulators

MM3Z13VT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3Z13VT1 Datasheet PDF - Leshan Radio Company

Part # MM3Z13VT1
Download  MM3Z13VT1 Click to download

File Size   83.55 Kbytes
Page   5 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Zener Voltage Regulators

MM3Z13VT1 Datasheet (HTML) - Leshan Radio Company


MM3Z13VT1 Product details

Zener Voltage Regulators
200 mW SOD–323 Surface Mount

This series of Zener diodes is packaged in a SOD–323 surface mount package that has a power dissipation of 200 mW. They are designed to provide voltage regulation protection and are especially attractive in situations where space is at a premium. They are well suited for applications such as cellular phones, hand held portables, and high density PC boards.

Specification Features:
• Standard Zener Breakdown Voltage Range – 2.4 V to 75 V
• Steady State Power Rating of 200 mW
• Small Body Outline Dimensions: 0.067, x 0.049, (1.7 mm x 1.25 mm)
• Low Body Height: 0.035, (0.9 mm)
• Package Weight: 4.507 mg/unit
• ESD Rating of Class 3 (>16 KV) per Human Body Model




Similar Part No. - MM3Z13VT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM3Z13VT1 ONSEMI-MM3Z13VT1 Datasheet
61Kb / 6P
Zener Voltage Regulators
April, 2004 ??Rev. 6
logo
Formosa MS
MM3Z13VT1 FORMOSA-MM3Z13VT1 Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
PACELEADER INDUSTRIAL
MM3Z13VT1 PACELEADER-MM3Z13VT1 Datasheet
170Kb / 2P
SURFACE MOUNT ZENER DIODES
MM3Z13VT1 PACELEADER-MM3Z13VT1 Datasheet
170Kb / 2P
SURFACE MOUNT ZENER DIODES
logo
ON Semiconductor
MM3Z13VT1G ONSEMI-MM3Z13VT1G Datasheet
61Kb / 6P
Zener Voltage Regulators
April, 2004 ??Rev. 6
More results


Similar Description - MM3Z13VT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
Zener Voltage Regulators
August, 2004 ??Rev. 5
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 8
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
Zener Voltage Regulators
December, 2011 ??Rev. 7
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
Zener Voltage Regulators
January, 2012 ??Rev. 9
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
Zener Voltage Regulators
January, 2014 ??Rev. 12
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
Zener Voltage Regulators
logo
Leshan Radio Company
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
Zener Voltage Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com