Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMVL3401T1 Datasheet (PDF) - Leshan Radio Company

MMVL3401T1 Datasheet PDF - Leshan Radio Company
Part # MMVL3401T1
Download  MMVL3401T1 Download
File Size   76.67 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Silicon Pin Diode

MMVL3401T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMVL3401T1 Datasheet PDF - Leshan Radio Company

Part # MMVL3401T1
Download  MMVL3401T1 Click to download

File Size   76.67 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Silicon Pin Diode

MMVL3401T1 Datasheet (HTML) - Leshan Radio Company


MMVL3401T1 Product details

This device is designed primarily for VHF band switching applications but is also suitable for use in general–purpose switching circuits. Supplied in a Surface Mount package.

• Rugged PIN Structure Coupled with Wirebond Construction for Optimum Reliability
• Low Capacitance – 0.7 pF Typ at VR = 20 Vdc
• Very Low Series Resistance at 100 MHz – 0.34 Ohms (Typ) @ IF = 10 mAdc
• Device Marking: 4D




Similar Part No. - MMVL3401T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMVL3401T1 ONSEMI-MMVL3401T1 Datasheet
33Kb / 4P
Silicon Pin Diode
January, 2000 ??Rev. 1
MMVL3401T1G ONSEMI-MMVL3401T1G Datasheet
87Kb / 3P
Silicon Pin Diode
September, 2010 ??Rev. 4
More results


Similar Description - MMVL3401T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
Silicon PIN diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 17
logo
Advanced Semiconductor
AP1000C-11 ASI-AP1000C-11 Datasheet
15Kb / 1P
SILICON PIN DIODE
logo
NXP Semiconductors
BAP27-01 PHILIPS-BAP27-01 Datasheet
77Kb / 7P
Silicon PIN diode
2001 Nov 01
BAP63-03 PHILIPS-BAP63-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 11
BAP63-05 PHILIPS-BAP63-05 Datasheet
76Kb / 6P
Silicon PIN diode
2000 Feb 17
BAP70-02 NXP-BAP70-02 Datasheet
229Kb / 6P
Silicon PIN diode
Rev. 05-2 January 2008
logo
Guangdong Kexin Industr...
BAP64-02 KEXIN-BAP64-02 Datasheet
35Kb / 1P
Silicon PIN diode
BAP63-02 KEXIN-BAP63-02 Datasheet
36Kb / 2P
Silicon PIN diode
logo
Infineon Technologies A...
BA595E6327 INFINEON-BA595E6327 Datasheet
903Kb / 10P
Silicon PIN Diode
2011-07-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com