Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL252 Datasheet (PDF) - Leshan Radio Company

RL252 Datasheet PDF - Leshan Radio Company
Part # RL252
Download  RL252 Download
File Size   50.41 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 2.5A GENERAL DIODES

RL252 Datasheet (PDF)

Go To PDF Page Download Datasheet
RL252 Datasheet PDF - Leshan Radio Company

Part # RL252
Download  RL252 Click to download

File Size   50.41 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 2.5A GENERAL DIODES

RL252 Datasheet (HTML) - Leshan Radio Company


RL252 Product details

FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Deffused junction
* Capable of meeting environmental standards of MIL-S-19500
* 2.5 A operation at TA=55°C with no thermal runaway
* Typical IR less than 1.0µA
* High temperature soldering guaranteed: 350°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension




Similar Part No. - RL252

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL252 RECTRON-RL252 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
logo
GOOD-ARK Electronics
RL252 GOOD-ARK-RL252 Datasheet
199Kb / 3P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Micro Commercial Compon...
RL252 MCC-RL252 Datasheet
78Kb / 3P
2.5 Amp Silicon Rectifier 50 to 1000 Volts
logo
First Components Intern...
RL252 FCI-RL252 Datasheet
148Kb / 2P
2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
RL252 DAESAN-RL252 Datasheet
309Kb / 2P
CURRENT 2.5 Amperes VOLTAGE 50 to 1000 Volts
More results


Similar Description - RL252

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N4001 LRC-1N4001 Datasheet
48Kb / 2P
1A GENERAL DIODES
1N5400 LRC-1N5400 Datasheet
49Kb / 2P
3A GENERAL DIODES
FR251 LRC-FR251 Datasheet
50Kb / 2P
2.5A FAST RECOVERY DIODES
logo
TAITRON Components Inco...
RL251 TAITRON-RL251 Datasheet
155Kb / 6P
2.5A General Purpose Silicon Rectifier
RL251M TAITRON-RL251M Datasheet
174Kb / 4P
2.5A General Purpose Silicon Rectifier
logo
New Jersey Semi-Conduct...
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
General Purpose Diodes
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
General purpose diodes
2003 Mar 20
logo
GETAI ELECTRONICS DEVIC...
HVRW1 GETEDZ-HVRW1_17 Datasheet
530Kb / 2P
2.5A 1.0kV 150nS -High Voltage High Current Diodes
logo
Shenzhen Huazhimei Semi...
HM2490 HMSEMI-HM2490 Datasheet
895Kb / 9P
2.5A CC or CV BUCK 2.5A
logo
Shindengen Electric Mfg...
D1FS6A SHINDENGEN-D1FS6A Datasheet
1Mb / 7P
Schottky Barrier Diodes 60V, 2.5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com