Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RED120 Datasheet (PDF) - LSI Computer Systems

RED120 Datasheet PDF - LSI Computer Systems
Part # RED120
Download  RED120 Download
File Size   35.75 Kbytes
Page   2 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description AC LINE FREQUENCY DIVIDERS

RED120 Datasheet (PDF)

Go To PDF Page Download Datasheet
RED120 Datasheet PDF - LSI Computer Systems

Part # RED120
Download  RED120 Click to download

File Size   35.75 Kbytes
Page   2 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description AC LINE FREQUENCY DIVIDERS

RED120 Datasheet (HTML) - LSI Computer Systems


RED120 Product details

FEATURES:

• Clock input pulse shaper accepts 50Hz/60Hz

sine wave directly

• Fully static counter operation

• +4.5V to +15V operation (VDD - VSS)

• Low power dissipation

• High noise immunity

• Reset

• Input Enable

• 50Hz/60Hz division select input

• Output low power TTL compatible at +4.5V operation

• Square Wave Output (except for ÷ 5)

• RED x/y (DIP); RED x/y-S (SOIC) See Figure 1



APPLICATION:

Time base generator from either 50Hz or 60Hz line frequency to produce:




Similar Part No. - RED120

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
RED-SFP-GE-LX-C ATGBICS-RED-SFP-GE-LX-C Datasheet
322Kb / 9P
RED-SFP-GE-LX Redback Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
RED-SFP-GE-SX-C ATGBICS-RED-SFP-GE-SX-C Datasheet
293Kb / 8P
RED-SFP-GE-SX Redback Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
List of Unclassifed Man...
RED20 ETC2-RED20 Datasheet
107Kb / 2P
Conduit Accessories
logo
Power Mate Technology C...
RED20-110D12W P-DUKE-RED20-110D12W Datasheet
565Kb / 3P
20 WATTS DC-DC CONVERTER
RED20-110D15W P-DUKE-RED20-110D15W Datasheet
565Kb / 3P
20 WATTS DC-DC CONVERTER
More results


Similar Description - RED120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS292 TI-SN54LS292 Datasheet
296Kb / 8P
PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
74LS56P TI-74LS56P Datasheet
300Kb / 5P
FREQUENCY DIVIDERS
SN54LS56 TI-SN54LS56 Datasheet
265Kb / 10P
FREQUENCY DIVIDERS
SN54LS292 TI-SN54LS292_08 Datasheet
509Kb / 16P
PROGRAMMABLE FREQUENCY DIVIDERS/DIGITAL TIMERS
logo
Murata Manufacturing Co...
DMS20-FM MURATA-DMS20-FM Datasheet
122Kb / 2P
Self-Powered, 3-Digit LED Display AC Line Frequency Monitors
logo
Texas Instruments
SN74LS292 TI1-SN74LS292_16 Datasheet
341Kb / 19P
Programmable Frequency Dividers
logo
Kersemi Electronic Co.,...
ACS120-7SB KERSEMI-ACS120-7SB Datasheet
445Kb / 11P
AC LINE SWITCH
logo
LSI Computer Systems
LS6301 LSI-LS6301 Datasheet
40Kb / 2P
AC LINE FREQUENCY TIMER
logo
Pasternack Enterprises,...
PE88D1000 PASTERNACK-PE88D1000 Datasheet
486Kb / 7P
Frequency Dividers Technical Data Sheet
logo
Sumida Corporation
EIH3024 SUMIDA-EIH3024 Datasheet
294Kb / 2P
AC-AC Low-Frequency Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com