Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA101 Datasheet (PDF) - Tyco Electronics

SMA101 Datasheet PDF - Tyco Electronics
Part # SMA101
Download  SMA101 Download
File Size   89.45 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 5 TO 100 MHZ TO-8 CASCADABLE AMPLIFIER

SMA101 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA101 Datasheet PDF - Tyco Electronics

Part # SMA101
Download  SMA101 Click to download

File Size   89.45 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 5 TO 100 MHZ TO-8 CASCADABLE AMPLIFIER

SMA101 Datasheet (HTML) - Tyco Electronics


SMA101 Product details

Description
The A101 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This push-pull cascode design offers the benefits of low noise figure and high linearity.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available

Features
• HIGH OUTPUT POWER: +23 dBm (TYP.)
• HIGH THIRD ORDER IP: +36 dBm (TYP.)
• HIGH SECOND ORDER IP: +64 dBm (TYP.)
• LOW NOISE FIGURE: 3 dB (TYP.)




Similar Part No. - SMA101

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA101 MACOM-SMA101 Datasheet
408Kb / 2P
Cascadable Amplifier 5 to 100 MHz
logo
M/A-COM Technology Solu...
SMA101 MA-COM-SMA101 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 100 MHz
More results


Similar Description - SMA101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC238 ETC-AC238 Datasheet
81Kb / 1P
5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
AC508 ETC-AC508 Datasheet
75Kb / 1P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AC509 ETC1-AC509 Datasheet
107Kb / 2P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AC548 ETC1-AC548 Datasheet
104Kb / 2P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A101 MACOM-A101_1 Datasheet
408Kb / 2P
Cascadable Amplifier 5 to 100 MHz
logo
M/A-COM Technology Solu...
A101 MA-COM-A101 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 100 MHz
logo
Teledyne Technologies I...
AC1038 TELEDYNE-AC1038 Datasheet
171Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AC3064 TELEDYNE-AC3064 Datasheet
173Kb / 2P
100 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
AC4079 TELEDYNE-AC4079 Datasheet
178Kb / 2P
100 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
AC5079 TELEDYNE-AC5079 Datasheet
174Kb / 2P
100 TO 5000 MHz TO-8 CASCADABLE AMPLIFIER
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com