Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A231 Datasheet (PDF) - Tyco Electronics

A231 Datasheet PDF - Tyco Electronics
Part # A231
Download  A231 Download
File Size   109.49 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 TO 250 MHz CASCADABLE AMPLIFIER

A231 Datasheet (PDF)

Go To PDF Page Download Datasheet
A231 Datasheet PDF - Tyco Electronics

Part # A231
Download  A231 Click to download

File Size   109.49 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 TO 250 MHz CASCADABLE AMPLIFIER

A231 Datasheet (HTML) - Tyco Electronics


A231 Product details

Description
The A231 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.

Features
•  LOW NOISE FIGURE: 1.7 dB (TYP.)
•  HIGH GAIN: 26.0 dB (TYP.)
•  HIGH EFFICIENCY: 16 mA at +5 Vdc
•  MEDIUM OUTPUT LEVEL: +14 dBm at +8 Vdc (TYP.)




Similar Part No. - A231

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A231 MACOM-A231 Datasheet
378Kb / 2P
Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A231 MA-COM-A231 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
A231-SMA231 MA-COM-A231-SMA231 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
MicroPower Direct, LLC
A231R MPD-A231R Datasheet
94Kb / 2P
Compact, Regulated, 2W Single & Dual Output DC/DC Converters
A231RI MPD-A231RI Datasheet
80Kb / 2P
High Isolation, 2W & 3W Single & Dual Output DC/DC Converters
More results


Similar Description - A231

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A70 MACOM-A70 Datasheet
108Kb / 1P
10 TO 250 MHz CASCADABLE AMPLIFIER
A83-1 MACOM-A83-1 Datasheet
106Kb / 1P
10 TO 250 MHz CASCADABLE AMPLIFIER
A70-1 MACOM-A70-1 Datasheet
356Kb / 2P
Cascadable Amplifier 10 to 250 MHz
A70 MACOM-A70_1 Datasheet
369Kb / 2P
Cascadable Amplifier 10 to 250 MHz
A231 MACOM-A231_1 Datasheet
378Kb / 2P
Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70-1 MA-COM-A70-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
EA54 MA-COM-EA54 Datasheet
126Kb / 2P
Cascadable Amplifier 10 to 250 MHz
A83-1 MA-COM-A83-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
A181 MA-COM-A181 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
A181 MA-COM-A181_15 Datasheet
636Kb / 3P
Cascadable Amplifier 10 to 250 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com