Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD2501 Datasheet (PDF) - Won-Top Electronics

HD2501 Datasheet PDF - Won-Top Electronics
Part # HD2501
Download  HD2501 Download
File Size   32.36 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 25A GLASS PASSIVATED HITACHI TYPE PRESS-FIT DIODE

HD2501 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD2501 Datasheet PDF - Won-Top Electronics

Part # HD2501
Download  HD2501 Click to download

File Size   32.36 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 25A GLASS PASSIVATED HITACHI TYPE PRESS-FIT DIODE

HD2501 Datasheet (HTML) - Won-Top Electronics


HD2501 Product details

Features
● Glass Passivated Die Construction
● Low Leakage
● Low Cost
● High Surge Current Capability
● Typical IR less than 5.0µA
● C-Band Terminal Construction




Similar Part No. - HD2501

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HD2-12-A SLPOWER-HD2-12-A Datasheet
720Kb / 7P
Commercial/Medical International Linears
logo
Pepperl+Fuchs Inc.
HD2-DM-A PF-HD2-DM-A Datasheet
1Mb / 6P
Fieldbus Power Hub, Advanced Diagnostic Module
HD2-DM-A.RO PF-HD2-DM-A.RO Datasheet
1Mb / 6P
Fieldbus Power Hub, Advanced Diagnostic Module with Relay Output
HD2-DM-B PF-HD2-DM-B Datasheet
1Mb / 4P
Fieldbus Power Hub, Basic Diagnostic Module
HD2-FBPS-1.17.500 PF-HD2-FBPS-1.17.500 Datasheet
1Mb / 3P
Fieldbus Power Hub, Power Supply Module
More results


Similar Description - HD2501

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DD250 WTE-DD250 Datasheet
29Kb / 2P
25A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
DD2520 WTE-DD2520 Datasheet
29Kb / 2P
25A GLASS PASSIVATED AVALANCHE DISH TYPE PRESS-FIT DIODE
TC2500 WTE-TC2500_06 Datasheet
29Kb / 2P
25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
DD250 WTE-DD250_14 Datasheet
32Kb / 2P
25A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
DD2520 WTE-DD2520_14 Datasheet
31Kb / 2P
25A GLASS PASSIVATED AVALANCHE DISH TYPE PRESS-FIT DIODE
HD3500 WTE-HD3500 Datasheet
32Kb / 2P
35A GLASS PASSIVATED HITACHI TYPE PRESS-FIT DIODE
HD3520 WTE-HD3520 Datasheet
31Kb / 2P
35A GLASS PASSIVATED AVALANCHE HITACHI TYPE PRESS-FIT DIODE
HD5000 WTE-HD5000 Datasheet
32Kb / 2P
50A GLASS PASSIVATED HITACHI TYPE PRESS-FIT DIODE
HD5020 WTE-HD5020 Datasheet
31Kb / 2P
50A GLASS PASSIVATED AVALANCHE HITACHI TYPE PRESS-FIT DIODE
logo
First Components Intern...
PHFR5001 FCI-PHFR5001 Datasheet
27Kb / 2P
50AMP HITACHI PRESS-FIT DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com