Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25-1 Datasheet (PDF) - Tyco Electronics

A25-1 Datasheet PDF - Tyco Electronics
Part # A25-1
Download  A25-1 Download
File Size   107.59 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 2 TO 1500 MHz CASCADABLE AMPLIFIER

A25-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
A25-1 Datasheet PDF - Tyco Electronics

Part # A25-1
Download  A25-1 Click to download

File Size   107.59 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 2 TO 1500 MHz CASCADABLE AMPLIFIER

A25-1 Datasheet (HTML) - Tyco Electronics


A25-1 Product details

Description
The A25-1 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.

Features
• LOW NOISE: <3.4 dB (TYP.)
• MEDIUM POWER OUT: +9.0 dBm (TYP.)
• LOW VSWR: <1.7:1 VSWR (TYP.)
• WIDE POWER SUPPLY RANGE: +5 TO +15 VOLTS




Similar Part No. - A25-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A25-1 MACOM-A25-1 Datasheet
364Kb / 2P
Cascadable Amplifier 2 to 1500 MHz
logo
M/A-COM Technology Solu...
A25-1 MA-COM-A25-1 Datasheet
1Mb / 2P
Cascadable Amplifier 2 to 1500 MHz
A25-1 MA-COM-A25-1 Datasheet
637Kb / 3P
Cascadable Amplifier
A25-1-SMA25-1 MA-COM-A25-1-SMA25-1 Datasheet
169Kb / 2P
Cascadable Amplifier
logo
Tyco Electronics
A25-1 MACOM-A25-1_1 Datasheet
364Kb / 2P
Cascadable Amplifier 2 to 1500 MHz
More results


Similar Description - A25-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A28 MACOM-A28 Datasheet
107Kb / 1P
10 TO 1500 MHz CASCADABLE AMPLIFIER
A29-1 MACOM-A29-1 Datasheet
112Kb / 1P
10 TO 1500 MHz CASCADABLE AMPLIFIER
A25-1 MACOM-A25-1_1 Datasheet
364Kb / 2P
Cascadable Amplifier 2 to 1500 MHz
A26 MACOM-A26_1 Datasheet
367Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
A27 MACOM-A27 Datasheet
351Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
SMA25-1 MA-COM-SMA25-1 Datasheet
1Mb / 2P
Cascadable Amplifier 2 to 1500 MHz
SMA26 MA-COM-SMA26 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
SMA27 MA-COM-SMA27 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
SMA29-1 MA-COM-SMA29-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1500 MHz
A28 MA-COM-A28 Datasheet
636Kb / 3P
Cascadable Amplifier 10 to 1500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com