Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS3505 Datasheet (PDF) - Won-Top Electronics

PFS3505 Datasheet PDF - Won-Top Electronics
Part # PFS3505
Download  PFS3505 Download
File Size   32.69 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 35A 1/2 RUGGED LEAD PRESS-FIT DIODE

PFS3505 Datasheet (PDF)

Go To PDF Page Download Datasheet
PFS3505 Datasheet PDF - Won-Top Electronics

Part # PFS3505
Download  PFS3505 Click to download

File Size   32.69 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 35A 1/2 RUGGED LEAD PRESS-FIT DIODE

PFS3505 Datasheet (HTML) - Won-Top Electronics


PFS3505 Product details

Features
● Diffused Junction
● Low Leakage
● Low Cost
● High Surge Current Capability
● Typical IR less than 5.0µA
● Rugged 2.54mm Dia. Lead




Similar Part No. - PFS3505

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PFS35 RIEDON-PFS35 Datasheet
204Kb / 2P
Power SMD Film Resistors
PFS35 RIEDON-PFS35 Datasheet
175Kb / 2P
Power SMD Film Resistors
PFS35 RIEDON-PFS35 Datasheet
163Kb / 2P
Power SMD Film Resistors
PFS35-0R01J1 RIEDON-PFS35-0R01J1 Datasheet
145Kb / 2P
Power SMD Film Resistors
PFS35-0R05J1 RIEDON-PFS35-0R05J1 Datasheet
145Kb / 2P
Power SMD Film Resistors
More results


Similar Description - PFS3505

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PF3500 WTE-PF3500 Datasheet
23Kb / 2P
35A 1/2 PRESS-FIT DIODE
PFW3500 WTE-PFW3500 Datasheet
26Kb / 2P
35A 1/2 FLAG LEAD PRESS-FIT DIODE
PF3500 WTE-PF3500_06 Datasheet
30Kb / 2P
35A 1/2" PRESS-FIT DIODE
PFW3500 WTE-PFW3500_06 Datasheet
33Kb / 2P
35A 1/2 WASHER LEAD PRESS-FIT DIODE
PFW3520 WTE-PFW3520 Datasheet
32Kb / 2P
35A AVALANCHE 1/2 WASHER LEAD PRESS-FIT DIODE
PF3500 WTE-PF3500_14 Datasheet
32Kb / 2P
35A 1/2??PRESS-FIT DIODE
PFS2500 WTE-PFS2500 Datasheet
32Kb / 2P
25A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFS3520 WTE-PFS3520 Datasheet
32Kb / 2P
AVALANCHE 1/2 RUGGED LEAD PRESS-FIT DIODE
PFS5000 WTE-PFS5000 Datasheet
32Kb / 2P
50A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFS5020 WTE-PFS5020 Datasheet
32Kb / 2P
50A AVALANCHE 1/2 RUGGED LEAD PRESS-FIT DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com