Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4011 Datasheet (PDF) - Tyco Electronics

A4011 Datasheet PDF - Tyco Electronics
Part # A4011
Download  A4011 Download
File Size   105.62 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1000 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER

A4011 Datasheet (PDF)

Go To PDF Page Download Datasheet
A4011 Datasheet PDF - Tyco Electronics

Part # A4011
Download  A4011 Click to download

File Size   105.62 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1000 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER

A4011 Datasheet (HTML) - Tyco Electronics


A4011 Product details

Description
The A4011 microwave amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage PHEMT feedback amplifier design displays impressive performance characteristics over a broadband frequency range.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
● LOW NOISE FIGURE: 2.0 dB (TYP.)
● MEDIUM OUTPUT POWER: +18.3 dBm (TYP.)
● HIGH EFFICIENCY: 65 mA (TYP.) @ +5 Vdc
● PHEMT AMPLIFIER




Similar Part No. - A4011

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A4011 MACOM-A4011 Datasheet
375Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A4011 MA-COM-A4011 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A4011 MA-COM-A4011 Datasheet
633Kb / 3P
Cascadable Amplifier 1000 to 4000 MHz
A4011-SMA4011 MA-COM-A4011-SMA4011 Datasheet
1Mb / 2P
Cascadable Amplifier
A4011-SMA4011 MA-COM-A4011-SMA4011_15 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Similar Description - A4011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC4083 ETC-AC4083 Datasheet
112Kb / 2P
1000 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
RA46 MACOM-RA46 Datasheet
455Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45-1 MACOM-A45-1_1 Datasheet
383Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
LA45 MACOM-LA45 Datasheet
407Kb / 3P
Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45-1 MA-COM-A45-1 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
PA48 MA-COM-PA48 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45_15 Datasheet
643Kb / 3P
Cascadable Amplifier 1000 to 4000 MHz
logo
Teledyne Technologies I...
AC4052 TELEDYNE-AC4052 Datasheet
175Kb / 2P
1000 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
AC4083 TELEDYNE-AC4083 Datasheet
176Kb / 2P
1000 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com