Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4012 Datasheet (PDF) - Tyco Electronics

A4012 Datasheet PDF - Tyco Electronics
Part # A4012
Download  A4012 Download
File Size   97.74 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1.0 TO 4.0 GHz TO-8 CASCADABLE AMPLIFIER

A4012 Datasheet (PDF)

Go To PDF Page Download Datasheet
A4012 Datasheet PDF - Tyco Electronics

Part # A4012
Download  A4012 Click to download

File Size   97.74 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1.0 TO 4.0 GHz TO-8 CASCADABLE AMPLIFIER

A4012 Datasheet (HTML) - Tyco Electronics


A4012 Product details

Description
The A4012 microwave amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This two stage GaAs FET feedback amplifier design displays impressive performance characteristics over a broadband frequency range.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• WIDE BANDWIDTH: 1.0 to 4.0 GHz (TYP.)
• HIGH GAIN: 18 dB (TYP.)
• MEDIUM OUTPUT POWER: +15.5 dBm (TYP.)
• LOW NOISE FIGURE: 3.5 dB (TYP.)




Similar Part No. - A4012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A4012 ETC1-A4012 Datasheet
96Kb / 1P
1.0 TO 4.0 GHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A4012 MACOM-A4012 Datasheet
360Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A4012 MA-COM-A4012 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A4012-SMA4012 MA-COM-A4012-SMA4012 Datasheet
1Mb / 2P
Cascadable Amplifier
A4012-SMA4012 MA-COM-A4012-SMA4012_15 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Similar Description - A4012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A4012 ETC1-A4012 Datasheet
96Kb / 1P
1.0 TO 4.0 GHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC437 TELEDYNE-AC437 Datasheet
175Kb / 2P
TO-8 CASCADABLE AMPLIFIER
AC453 TELEDYNE-AC453 Datasheet
177Kb / 2P
TO-8 CASCADABLE AMPLIFIER
AC457 TELEDYNE-AC457 Datasheet
175Kb / 2P
TO-8 CASCADABLE AMPLIFIER
AC509 TELEDYNE-AC509 Datasheet
176Kb / 2P
TO-8 CASCADABLE AMPLIFIER
AC513 TELEDYNE-AC513 Datasheet
173Kb / 2P
TO-8 CASCADABLE AMPLIFIER
AC534 TELEDYNE-AC534 Datasheet
177Kb / 2P
TO-8 CASCADABLE AMPLIFIER
AC548 TELEDYNE-AC548 Datasheet
175Kb / 2P
TO-8 CASCADABLE AMPLIFIER
AC557 TELEDYNE-AC557 Datasheet
174Kb / 2P
TO-8 CASCADABLE AMPLIFIER
AC2205 TELEDYNE-AC2205 Datasheet
190Kb / 2P
TO-8 CASCADABLE AMPLIFIER
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com