Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A45 Datasheet (PDF) - Tyco Electronics

A45 Datasheet PDF - Tyco Electronics
Part # A45
Download  A45 Download
File Size   104.55 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1000 TO 4000 MHz CASCADABLE AMPLIFIER

A45 Datasheet (PDF)

Go To PDF Page Download Datasheet
A45 Datasheet PDF - Tyco Electronics

Part # A45
Download  A45 Click to download

File Size   104.55 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1000 TO 4000 MHz CASCADABLE AMPLIFIER

A45 Datasheet (HTML) - Tyco Electronics


A45 Product details

Description
The A45 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage GaAs FET feedback amplifier design displays impressive performance characteristics over a broadband frequency range. An RF choke is used for DC power supply decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• HIGH GAIN 17.5 dB (TYP.)
• LOW NOISE: 4.5 dB (TYP.)
• HIGH OUTPUT POWER: +19.5 dBm (TYP.)
• GaAs FET DESIGN




Similar Part No. - A45

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A45 MACOM-A45 Datasheet
381Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45 MA-COM-A45 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45 Datasheet
643Kb / 3P
Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
A45-1 MACOM-A45-1 Datasheet
109Kb / 1P
1000 TO 4000 MHz CASCADABLE AMPLIFIER
A45-1 MACOM-A45-1 Datasheet
383Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
More results


Similar Description - A45

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RA46 MACOM-RA46 Datasheet
455Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45-1 MACOM-A45-1_1 Datasheet
383Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MACOM-A45_1 Datasheet
381Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
LA45 MACOM-LA45 Datasheet
407Kb / 3P
Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45-1 MA-COM-A45-1 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A4012 MA-COM-A4012 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
PA48 MA-COM-PA48 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
RA46 MA-COM-RA46 Datasheet
186Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45_15 Datasheet
643Kb / 3P
Cascadable Amplifier 1000 to 4000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com